Electronic Components Datasheet Search
  English  ▼

X  

PE4151 Datasheet(PDF) 13 Page - Peregrine Semiconductor

Part # PE4151
Description  Low Frequency Passive Mixer with Integrated LO Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4151 Datasheet(HTML) 13 Page - Peregrine Semiconductor

Back Button PE4151 Datasheet HTML 7Page - Peregrine Semiconductor PE4151 Datasheet HTML 8Page - Peregrine Semiconductor PE4151 Datasheet HTML 9Page - Peregrine Semiconductor PE4151 Datasheet HTML 10Page - Peregrine Semiconductor PE4151 Datasheet HTML 11Page - Peregrine Semiconductor PE4151 Datasheet HTML 12Page - Peregrine Semiconductor PE4151 Datasheet HTML 13Page - Peregrine Semiconductor PE4151 Datasheet HTML 14Page - Peregrine Semiconductor PE4151 Datasheet HTML 15Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
©2011–2016 Peregrine Semiconductor Corp. All rights reserved.
Product Specification
PE4151
Page 13 of 15
Document No. DOC-38614-2 │ www.psemi.com
Figure 45. Evaluation Board Schematic
INA_INB
Z=50 Ohm
Z=50 Ohm
ENB_INA
IF
Z=50 Ohm
RF
INB_NC
Z=50 Ohm
Z=50 Ohm
R21
DNI
J6
R18
DNI
R22
0OHM
R10
DNI
J11
HEADER 2 PIN
R23
DNI
R7
51
R5
DNI
R17
0OHM
C6
51pF
R11
DNI
R16
DNI
J7
R25
DNI
R20
DNI
R12
0OHM
R6
DNI
R4
0OHM
1
4
5
3
2
T1
ETK4-2T
R8
DNI
J5
R19
DNI
R13
DNI
R9
DNI
R24
DNI
R14
DNI
U1
10L_MSOP
C8
51pF
R2
DNI
R3
0OHM
R1
51
J1
J3
R26
DNI
C2
10μF
C1
10pF
1
4
5
3
2
T3
ETK4-2T
1
4
5
3
2
T4
ETK4-2T
R27
0OHM
R28
0OHM
J9
J8
12
J2
SOCKET_10L_MSOP
R29
DNI
1
2
3
4
J10
HEADER, 4 PIN
R30
0OHM
VDD
VDD_GND_ENB
0OHM
10μF
10pF
DNI
DOC-38627
Notes:
1. Caution: contains parts and assemblies susceptible to
damage by electrostatic discharge (ESD).
2. LO input can be differential or single ended (INA_INB/
INB_NC).
3. With single ended LO input, no termination is needed on
unused port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com