Electronic Components Datasheet Search
  English  ▼

X  

PE4151 Datasheet(PDF) 14 Page - Peregrine Semiconductor

Part # PE4151
Description  Low Frequency Passive Mixer with Integrated LO Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4151 Datasheet(HTML) 14 Page - Peregrine Semiconductor

Back Button PE4151 Datasheet HTML 7Page - Peregrine Semiconductor PE4151 Datasheet HTML 8Page - Peregrine Semiconductor PE4151 Datasheet HTML 9Page - Peregrine Semiconductor PE4151 Datasheet HTML 10Page - Peregrine Semiconductor PE4151 Datasheet HTML 11Page - Peregrine Semiconductor PE4151 Datasheet HTML 12Page - Peregrine Semiconductor PE4151 Datasheet HTML 13Page - Peregrine Semiconductor PE4151 Datasheet HTML 14Page - Peregrine Semiconductor PE4151 Datasheet HTML 15Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Product Specification
PE4151
Page 14 of 15
©2011–2016 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-38614-2 │ UltraCMOS® RFIC Solutions
Figure 46. Package Drawing
10-lead MSOP
3 × 3 × 0.86 mm
Figure 47. Marking Specification
●
Pin 1 identification
AAAA Product number
LLLL
Last four digits of the assembly lot number
YWW Date code, last digit of the year and two digit work week
AAAA
LLLL
●
YWW
DOC-53337
TOP VIEW
FRONT VIEW
SIDE VIEW
RECOMMENDED LAND PATTERN
A
0.10 C
(2X)
C
0.10 C
0.05 C
SEATING PLANE
B
0.10 C
(2X)
0.10
C A B
0.05
C
ALL FEATURES
PIN #1 CORNER
1
10
5
6
4.88
3.00
3.00
0.224±0.05
(x10)
0.50
2.00
0.10±0.05
0.97±0.05
0.152±0.05
(x10)
0.94
(x10)
0.533±0.102
3.94
3.94
0.32
0.94
4.88
2.32
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com