Electronic Components Datasheet Search
  English  ▼

X  

AT86RF232 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT86RF232
Description  Low Power,2.4GHzTransceiver forZigBee,IEEE 802.15.4,6LoWPAN,RF4CE and ISMApplications
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF232 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT86RF232 Datasheet HTML 12Page - ATMEL Corporation AT86RF232 Datasheet HTML 13Page - ATMEL Corporation AT86RF232 Datasheet HTML 14Page - ATMEL Corporation AT86RF232 Datasheet HTML 15Page - ATMEL Corporation AT86RF232 Datasheet HTML 16Page - ATMEL Corporation AT86RF232 Datasheet HTML 17Page - ATMEL Corporation AT86RF232 Datasheet HTML 18Page - ATMEL Corporation AT86RF232 Datasheet HTML 19Page - ATMEL Corporation AT86RF232 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 175 page
background image
16
8321A–MCU Wireless–10/11
AT86RF232
Note:
1.
When both /SEL and /RST are active, the MISO output driver is also enabled.
Referring to Figure 6-2 and Figure 6-3 Atmel AT86RF232 MOSI is sampled at the rising
edge of the SCLK signal and the output is set at the falling edge of SCLK. The signal
must be stable before and after the rising edge of SCLK as specified by t3 and t4, refer
to Section 12.4 parameters.
This SPI operational mode is commonly known as “SPI mode 0”.
6.2 SPI Protocol
Each SPI sequence starts with transferring a command byte from the SPI master via
MOSI (see Table 6-2) with MSB first. This command byte defines the SPI access mode
and additional mode-dependent information.
Table 6-2. SPI Command Byte Definition.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Access Mode
Access Type
1
0
Register address [5:0]
Register access
Read access
1
1
Register address [5:0]
Write access
0
0
1
reserved
Frame Buffer access
Read access
0
1
1
reserved
Write access
0
0
0
reserved
SRAM access
Read access
0
1
0
reserved
Write access
Each SPI transfer returns bytes back to the SPI master on MISO. The content of the
first byte (see value “PHY_STATUS“ in Figure 6-4 to Figure 6-14) is set to zero after
reset. To transfer status information of the radio transceiver to the microcontroller, the
content of the first byte can be configured with register bits SPI_CMD_MODE
(register 0x04, TRX_CTRL_1). For details, refer to Section 6.3.1.
In Figure 6-4 to Figure 6-14 and the following chapters logic values stated with XX on
MOSI are ignored by the radio transceiver, but need to have a valid logic level. Return
values on MISO stated as XX shall be ignored by the microcontroller.
The different access modes are described within the following sections.
6.2.1 Register Access Mode
A register access mode is a two-byte read/write operation initiated by /SEL = L. The first
transferred byte on MOSI is the command byte including an identifier bit (bit[7] = 1), a
read/write select bit (bit[6]), and a 6-bit register address.
On read access, the content of the selected register address is returned in the second
byte on MISO (see Figure 6-4).
Figure 6-4. Packet Structure - Register Read Access.
1
ADDRESS[5:0]
0
XX
MOSI
PHY_STATUS(1)
READ DATA[7:0]
MISO
byte 1 (command byte)
byte 2 (data byte)
Note:
1.
Each SPI access can be configured to return radio controller status information
(PHY_STATUS) on MISO, for details refer to Section 6.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com