Electronic Components Datasheet Search
  English  ▼

X  

AT86RF232 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT86RF232
Description  Low Power,2.4GHzTransceiver forZigBee,IEEE 802.15.4,6LoWPAN,RF4CE and ISMApplications
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF232 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT86RF232 Datasheet HTML 35Page - ATMEL Corporation AT86RF232 Datasheet HTML 36Page - ATMEL Corporation AT86RF232 Datasheet HTML 37Page - ATMEL Corporation AT86RF232 Datasheet HTML 38Page - ATMEL Corporation AT86RF232 Datasheet HTML 39Page - ATMEL Corporation AT86RF232 Datasheet HTML 40Page - ATMEL Corporation AT86RF232 Datasheet HTML 41Page - ATMEL Corporation AT86RF232 Datasheet HTML 42Page - ATMEL Corporation AT86RF232 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 175 page
background image
39
8321A–MCU Wireless–10/11
AT86RF232
7.1.4.6 State Transition Timing Summary
The Atmel AT86RF232 transition numbers correspond to Figure 7-1 and do not include
SPI access time unless otherwise stated. See measurement setup in Figure 5-1.
Table 7-1. State Transition Timing.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
tTR1
P_ON
CLKM is available
Depends on crystal oscillator
setup (CL= 10pF) and external
capacitor at DVDD (100nF nom.).
330
1000
µs
tTR1a
SLEEP
CLKM is available
Depends on crystal oscillator
setup (CL= 10pF) and external
capacitor at DVDD (100nF nom.).
180
1000
µs
tTR2
SLEEP
TRX_OFF
Depends on crystal oscillator
setup (CL= 10pF) and external
capacitor at DVDD (100nF nom.).
210
1000
µs
tTR3
TRX_OFF
SLEEP
For fCLKM > 62.5kHz.
35
CLKM
cycles
Otherwise.
0
CLKM
cycles
tTR4
TRX_OFF
PLL_ON
Depends on external capacitor at
AVDD (100nF nom.).
80
µs
tTR5
PLL_ON
TRX_OFF
1
µs
tTR6
TRX_OFF
RX_ON
Depends on external capacitor at
AVDD (100nF nom.).
80
µs
tTR7
RX_ON
TRX_OFF
1
µs
tTR8
PLL_ON
RX_ON
1
µs
tTR9
RX_ON
PLL_ON
Transition time is also valid for
TX_ARET_ON, RX_AACK_ON.
1
µs
tTR10
PLL_ON
BUSY_TX
When asserting pin 11 (SLP_TR)
or TRX_CMD = TX_START first
symbol transmission is delayed by
one symbol period (PLL settling
and PA ramp-up).
16
µs
tTR11
BUSY_TX
PLL_ON
PLL settling time.
32
µs
tTR12
Various states
TRX_OFF
Using TRX_CMD =
FORCE_TRX_OFF; not valid for
SLEEP.
1
µs
tTR13
RESET
TRX_OFF
Not valid for P_ON or SLEEP.
26
µs
tTR14
Various states
PLL_ON
Using TRX_CMD =
FORCE_PLL_ON; not valid for
P_ON, SLEEP, or RESET.
1
µs
tTR15
P_ON
TRX_OFF
Using TRX_CMD = TRX_OFF
directly after CLKM is available.
360
1000
µs
The state transition timing is calculated based on the timing of the individual blocks
shown in Figure 7-3 to Figure 7-7. The worst case values include maximum operating
temperature, minimum supply voltage, and device parameter variations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com