Electronic Components Datasheet Search
  English  ▼

X  

AT86RF232 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT86RF232
Description  Low Power,2.4GHzTransceiver forZigBee,IEEE 802.15.4,6LoWPAN,RF4CE and ISMApplications
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF232 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT86RF232 Datasheet HTML 1Page - ATMEL Corporation AT86RF232 Datasheet HTML 2Page - ATMEL Corporation AT86RF232 Datasheet HTML 3Page - ATMEL Corporation AT86RF232 Datasheet HTML 4Page - ATMEL Corporation AT86RF232 Datasheet HTML 5Page - ATMEL Corporation AT86RF232 Datasheet HTML 6Page - ATMEL Corporation AT86RF232 Datasheet HTML 7Page - ATMEL Corporation AT86RF232 Datasheet HTML 8Page - ATMEL Corporation AT86RF232 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 175 page
background image
2
8321A–MCU Wireless–10/11
AT86RF232
1 Pin-out Diagram
Figure 1-1. Atmel AT86RF232 Pin-out Diagram.
32
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
AT86RF232
CLKM
DVSS
AVSS
AVSS
AVSS
AVSS
RFP
RFN
DVSS
/RST
SCLK
MISO
DVSS
MOSI
/SEL
IRQ
31 30 29 28 27 26 25
9 10 11 12 13 14 15 16
AVSS
exposed paddle
Note:
1.
The exposed paddle is electrically connected to the die inside the package. It
shall be soldered to the board to ensure electrical and thermal contact and good
mechanical stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com