Electronic Components Datasheet Search
  English  ▼

X  

AT86RF232 Datasheet(PDF) 40 Page - ATMEL Corporation

Part # AT86RF232
Description  Low Power,2.4GHzTransceiver forZigBee,IEEE 802.15.4,6LoWPAN,RF4CE and ISMApplications
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF232 Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button AT86RF232 Datasheet HTML 36Page - ATMEL Corporation AT86RF232 Datasheet HTML 37Page - ATMEL Corporation AT86RF232 Datasheet HTML 38Page - ATMEL Corporation AT86RF232 Datasheet HTML 39Page - ATMEL Corporation AT86RF232 Datasheet HTML 40Page - ATMEL Corporation AT86RF232 Datasheet HTML 41Page - ATMEL Corporation AT86RF232 Datasheet HTML 42Page - ATMEL Corporation AT86RF232 Datasheet HTML 43Page - ATMEL Corporation AT86RF232 Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 175 page
background image
40
8321A–MCU Wireless–10/11
AT86RF232
Table 7-2. Atmel AT86RF232 Block Initialization and Settling Time.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
tXTAL
Reference oscillator settling time
Start XTAL
clock available at pin
17 (CLKM). Depends on crystal Q
factor and load capacitor.
330
1000
µs
tFTN
FTN calibration time
25
µs
tDVREG
DVREG settling time
Depends on external bypass
capacitor at DVDD (CB3 = 100nF
nom., 10µF worst case).
50
1000
µs
tAVREG
AVREG settling time
Depends on external bypass
capacitor at AVDD (CB1 = 100nF
nom., 10µF worst case).
50
1000
µs
tPLL_INIT
Initial PLL settling time
PLL settling time
TRX_OFF
PLL_ON, including
50µs AVREG settling time.
80
250
µs
tPLL_SW
PLL settling time on channel switch
Duration of channel switch within
frequency band.
11
100
µs
tPLL_CF
PLL CF calibration
PLL center frequency calibration.
8
24
µs
tPLL_DCU
PLL DCU calibration
PLL DCU calibration.
6
µs
tRX_TX
RX
TX
Maximum settling time RX
TX.
16
µs
tTX_RX
TX
RX
Maximum settling time TX
RX.
32
µs
tSHR_SYNC
SHR, sync
SHR synchronization period.
32
96
160
µs
tRSSI
RSSI, update
RSSI update period in receive
states.
2
µs
tED
ED measurement
ED measurement period is eight
symbols.
135
180
µs
tCCA
CCA measurement
CCA measurement period is eight
symbols.
135
180
µs
tRND
Random value, update
Random value update period.
1
µs
tAES
AES core cycle time
23.4
24
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com