| Electronic Components Datasheet Search |
|
AD7713 Datasheet(PDF) 24 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7713 Datasheet(HTML) 24 Page - Analog Devices |
|
24 / 29 page ![]() REV. D AD7713 –23– Table V shows some typical 8XC51 code used for a single 24-bit read from the output register of the AD7713. Table V shows some typical code for a single write operation to the control register of the AD7713. The 8XC51 outputs the LSB first in a write operation while the AD7713 expects the MSB first, so the data to be transmitted has to be rearranged before being written to the output serial register. Similarly, the AD7713 outputs the MSB first during a read operation while the 8XC51 expects the LSB first. Therefore, the data which is read into the serial buffer needs to be rearranged before the correct data-word from the AD7713 is available in the accumulator. Table V. 8XC51 Code for Reading from the AD7713 MOV SCON,#00010001B; Configure 8051 for MODE 0 MOV IE,#00010000B; Disable All Interrupts SETB 90H; Set P1.0, Used as RFS SETB 91H; Set P1.1, Used as TFS SETB 93H; Set P1.3, Used as A0 MOV R1,#003H; Sets Number of Bytes to Be Read in A Read Operation MOV R0,#030H; Start Address for Where Bytes Will Be Loaded MOV R6,#004H; Use P1.2 as DRDY WAIT: NOP; MOV A,P1; Read Port 1 ANL A,R6; Mask Out All Bits Except DRDY JZ READ; If Zero Read SJMP WAIT; Otherwise Keep Polling READ: CLR 90H; Bring RFS Low CLR 98H; Clear Receive Flag POLL: JB 98H, READ1 Tests Receive Interrupt Flag SJMP POLL READ 1: MOV A,SBUF; Read Buffer RLC A; Rearrange Data MOV B.0,C; Reverse Order of Bits RLC A; MOV B.1,C; RLC A; MOV B.2,C; RLC A; MOV B.3,C; RLC A; MOV B.4,C; RLC A; MOV B.5,C; RLC A; MOV B.6,C; RLC A; MOV B.7,C; MOV A,B; MOV @R0,A; Write Data to Memory INC R0; Increment Memory Location DEC R1 Decrement Byte Counter MOV A,R1 JZ END Jump if Zero JMP WAIT Fetch Next Byte END: SETB 90H Bring RFS High FIN: SJMP FIN Table VI. 8XC51 Code for Writing to the AD7713 MOV SCON,#00000000B; Configure 8051 for MODE 0 Operation and Enable Serial Reception MOV IE,#10010000B; Enable Transmit Interrupt MOV IP,#00010000B; Prioritize the Transmit Interrupt SETB 91H; Bring TFS High SETB 90H; Bring RFS High MOV R1,#003H; Sets Number of Bytes to Be Written in a Write Operation MOV R0,#030H; Start Address in RAM for Bytes MOV A,#00H; Clear Accumulator MOV SBUF,A; Initialize the Serial Port WAIT: JMP WAIT; Wait for Interrupt INT ROUTINE: NOP; Interrupt Subroutine MOV A,R1; Load R1 to Accumulator JZ FIN; If Zero Jump to FIN DEC R1; Decrement R1 Byte Counter MOV A,@R; Move Byte into the Accumulator INC R0; Increment Address RLC A; Rearrange Data—From LSB First to MSB First MOV B.0,C; RLC A; MOV B.1,C; RLC A; MOV B.2,C; RLC A; MOV B.3,C; RLC A; MOV B.4,C; RLC A; MOV B.5,C; RLC A; MOV B.6,C; RLC A: MOV B.7,C; MOV A,B; CLR 93H; Bring A0 Low CLR 91H; Bring TFS Low MOV SBUF,A; Write to Serial Port RETI; Return from Subroutine FIN: SETB 91H; Set TFS High SETB 93H; Set A0 High RETI; Return from Interrupt Subroutine AD7713 to 68HC11 Interface Figure 18 shows an interface between the AD7713 and the 68HC11 microcontroller. The AD7713 is configured for its exter- nal clocking mode, while the SPI port is used on the 68HC11, which is in its single chip mode. The DRDY line from the AD7713 is connected to the Port PC2 input of the 68HC11, so the DRDY line is polled by the 68HC11. The DRDY line can be connected to the IRQ input of the 68HC11 if an interrupt driven system is preferred. The 68HC11 MOSI and MISO lines should be config- ured for wired-OR operation. Depending on the interface configuration, it may be necessary to provide bidirectional buffers between the 68HC11 MOSI and MISO lines. The 68HC11 is configured in the master mode with its CPOL bit set to a Logic 0 and its CPHA bit set to a Logic 1. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |