Electronic Components Datasheet Search
  English  ▼

X  

APA7063 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APA7063
Description  Stereo 1.5W Audio Power Amplifier with DC Volume Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA7063 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APA7063 Datasheet HTML 10Page - Anpec Electronics Coropration APA7063 Datasheet HTML 11Page - Anpec Electronics Coropration APA7063 Datasheet HTML 12Page - Anpec Electronics Coropration APA7063 Datasheet HTML 13Page - Anpec Electronics Coropration APA7063 Datasheet HTML 14Page - Anpec Electronics Coropration APA7063 Datasheet HTML 15Page - Anpec Electronics Coropration APA7063 Datasheet HTML 16Page - Anpec Electronics Coropration APA7063 Datasheet HTML 17Page - Anpec Electronics Coropration APA7063 Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.5 - Mar., 2003
APA7063
www.anpec.com.tw
14
0
0.5
1
1.5
2
2.5
3
4
8 12 16 20 24 28 32 36 40 44 48 52 56 60 64
Load Resistance (
Ω)
THD=10%
THD=1%
V
DD=5V
BTL
Typical Characteristics (Cont.)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
4
8 12 16 20 24 28 32 36 40 44 48 52 56 60 64
Load Resistance (
Ω)
THD=10%
THD=1%
V
DD=3.3V
BTL
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
4
8 12 16 20 24 28 32 36 40 44 48 52 56 60 64
Load Resistance (
Ω)
THD=10%
THD=1%
V
DD=5V
SE
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0.22
0.24
0.26
0.28
0.3
0.32
0.34
4
8 12 16 20 24 28 32 36 40 44 48 52 56 60 64
Load Resistance (
Ω)
THD=10%
THD=1%
V
DD=3.3V
SE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com