Electronic Components Datasheet Search
  English  ▼

X  

APA7063 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APA7063
Description  Stereo 1.5W Audio Power Amplifier with DC Volume Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA7063 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APA7063 Datasheet HTML 1Page - Anpec Electronics Coropration APA7063 Datasheet HTML 2Page - Anpec Electronics Coropration APA7063 Datasheet HTML 3Page - Anpec Electronics Coropration APA7063 Datasheet HTML 4Page - Anpec Electronics Coropration APA7063 Datasheet HTML 5Page - Anpec Electronics Coropration APA7063 Datasheet HTML 6Page - Anpec Electronics Coropration APA7063 Datasheet HTML 7Page - Anpec Electronics Coropration APA7063 Datasheet HTML 8Page - Anpec Electronics Coropration APA7063 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.5 - Mar., 2003
APA7063
www.anpec.com.tw
4
Electical Characteristics (Cont.)
Electrical Characteristics for SE Mode Operation
The following specifications apply for V
DD= 5V unless otherwise noted. Limits apply for
T
A= 25°C
APA7063
Symbol
Parameter
Test Conditions
Typ.
Unit
V
DS
Output Offset Voltage
V
IN=0V,
100
mV
P
O
Output Power
THD=1%, f=1KHZ, R
L=32KΩ
THD=10%, f=1KHZ, R
L=32K Ω
95
100
mW
A
V= 1,VOUT=1 VRMS, f=1KHZ, RL=1K Ω
0.01

THD+N Total Harmonic Distortion plus
Noise
P
O= 75mW, RL=32KΩ, Av=1, f=1KHZ
0.05

RSRR
Power Supply Rejection Ratio V
RIPPLE= 200mVRMS, f=120Hz,CB=2.2µF
58
dB
X
TALK
Channel Separation
f=1KHZ, CB=2.2
µF
95
dB
V
N
Output Noise Voltage
R
L=1KΩ, A-Wtd Filter
30
uV
Pin Name
No
I/O
Description
Shutdown
1
1
Shutdown mode control signal input, place entire IC in shutdown mode
when held high, Idd=0.7uA.
VDD
2,10,15
Supply voltage input pin.
DC_Vol
3
I
Volume control function input pin.
Vo1
4
O
Channel 1 output for external feedback circuit.
Vin1
5
I
Audio input channel 1
Vin2
6
I
Audio input channel 2
Vo2
7
O
Channel 2 output for external feedback circuit.
GND
8
Ground connection for circuitry.
+OUT2
9
O
Channel 2 positive output in BTL mode and high impedance state in SE
mode.
-OUT2
11
O
Channel 2 negative output in BTL mode and in SE mode.
SE/BTL
12
I
Mode control signal input, hold low for BTL mode, hold high for SE mode.
Bypass
13
I
Connect to voltage divider for internal mid_supply bias
-OUT2
14
O
Channel 1 negative output in BTL mode and in SE mode.
+OUT1
16
O
Channel 1 positive output in BTL mode and high impedance state in SE
mode.
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com