Electronic Components Datasheet Search
  English  ▼

X  

APA7063 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APA7063
Description  Stereo 1.5W Audio Power Amplifier with DC Volume Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA7063 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APA7063 Datasheet HTML 2Page - Anpec Electronics Coropration APA7063 Datasheet HTML 3Page - Anpec Electronics Coropration APA7063 Datasheet HTML 4Page - Anpec Electronics Coropration APA7063 Datasheet HTML 5Page - Anpec Electronics Coropration APA7063 Datasheet HTML 6Page - Anpec Electronics Coropration APA7063 Datasheet HTML 7Page - Anpec Electronics Coropration APA7063 Datasheet HTML 8Page - Anpec Electronics Coropration APA7063 Datasheet HTML 9Page - Anpec Electronics Coropration APA7063 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.5 - Mar., 2003
APA7063
www.anpec.com.tw
6
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20k
50
100
200
500
1k
2k
5k
10k
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)
Frequency (Hz)
AV=2
AV=8
AV=4
AV=2
AV=8
AV=4
V
DD=5V
RL=8
Ω
Po=1.0W
BTL
V
DD=5V
RL=16
Ω
Po=0.5W
BTL
Typical Characteristics
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
10m
1
20m
50m
100m
200m
500m
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
10m
2
20m
50m
100m
200m
500m
1
Output Power (W)
Output Power (W)
f=20kHz
f=20Hz
f=1kHz
f=20kHz
f=20Hz
f=1kHz
V
DD=5V
RL=8
Ω
BTL
V
DD=5V
RL=16
Ω
BTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com