Electronic Components Datasheet Search
  English  ▼

X  

APA7063 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APA7063
Description  Stereo 1.5W Audio Power Amplifier with DC Volume Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA7063 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APA7063 Datasheet HTML 1Page - Anpec Electronics Coropration APA7063 Datasheet HTML 2Page - Anpec Electronics Coropration APA7063 Datasheet HTML 3Page - Anpec Electronics Coropration APA7063 Datasheet HTML 4Page - Anpec Electronics Coropration APA7063 Datasheet HTML 5Page - Anpec Electronics Coropration APA7063 Datasheet HTML 6Page - Anpec Electronics Coropration APA7063 Datasheet HTML 7Page - Anpec Electronics Coropration APA7063 Datasheet HTML 8Page - Anpec Electronics Coropration APA7063 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.5 - Mar., 2003
APA7063
www.anpec.com.tw
2
APA7 0 6 3
P a ckag e C ode
J : P D IP - 1 6
K : S O P - 1 6
T e m p . R ange
I : - 4 0 to 8 5
C
H andlin g C ode
T U : T ube
T R : T ape & R eel
°
H a n d lin g C ode
T e m p . R ange
P a c k ag e C ode
APA7 0 6 3 J :
APA7 0 6 3
XXXXX
XXXXX - Da te Co d e
APA7 0 6 3 K :
APA7 0 6 3
XXXXX
XXXXX - Da te Co d e
Block Diagram
(Over operating free-air temperature range unless otherwise noted.)
Symbol
Parameter
Rating
Unit
V
DD
Supply Voltage
6
V
T
A
Operating Ambient Temperature Range
-40 to 85
°C
T
J
Maximum Junction Temperature
150
°C
T
STG
Storage Temperature Range
-65 to +150
°C
T
S
Soldering Temperature,10 seconds
260
°C
V
ESD
Electrostatic Discharge
-2000 to 2000*1
V
Absolute Maximum Ratings
Volume
Control
32 steps
Power
Management
Click and Pop
Suppression
Circuitry
Shutdown
V
CC
GND
Bypass
Bias
Vin2
10K
Ω
10K
Ω
20K
Ω
20K
Ω
+ OUT1
10K
Ω
20K
Ω
20K
Ω
10K
Ω
Vo2
Vin1
Vo1
- OUT1
- OUT2
+ OUT2
SE/BTL
Ordering and Marking Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com