Electronic Components Datasheet Search
  English  ▼

X  

TSM8568CS Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM8568CS
Description  N- and P-Channel 30V (D-S) Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM8568CS Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM8568CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM8568CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM8568CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM8568CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM8568CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM8568CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM8568CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM8568CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM8568CS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TSM8568CS
Taiwan Semiconductor
2
Version: B1611
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL TYPE
MIN
TYP
MAX
UNIT
Static
Drain-Source
Breakdown Voltage
VGS = 0V, ID = 250µA
BVDSS
N-ch
30
--
--
V
VGS = 0V, ID = -250µA
P-ch
-30
--
--
Gate Threshold Voltage
VGS = VDS, ID = 250µA
VGS(TH)
N-ch
1
1.4
2.5
V
VGS = VDS, ID = -250µA
P-ch
-1
-1.7
-2.5
Gate-Source Leakage
Current
VGS = ±20V, VDS = 0V
IGSS
N-ch
--
--
±100
nA
VGS = ±25V, VDS = 0V
P-ch
--
--
±100
nA
Drain-Source Leakage
Current
VGS = 0V, VDS = 30V
IDSS
N-ch
--
--
1
µA
VGS = 0V, VDS = 30V
TJ = 125°C
--
--
100
VGS = 0V, VDS = -30V
P-ch
--
--
-1
VGS = 0V, VDS = -30V
TJ = 125°C
--
--
-100
Drain-Source On-State
Resistance
(Note 3)
VGS = 10V, ID = 8A
RDS(on)
N-ch
--
10
16
m
Ω
VGS = 4.5V, ID = 8A
--
13
20
VGS = -10V, ID = -7A
P-ch
--
18
24
VGS = -4.5V, ID = -7A
--
30
37
Forward
Transconductance
(Note 3)
VDS = 5V, ID = 8A
gfs
N-ch
--
26
--
S
VDS = -5V, ID = -7A
P-ch
--
16
--
Dynamic
(Note 4)
Total Gate Charge
N-ch
VDS = 15V, ID = 8A
P-ch
VDS = -15V, ID = -7A
Qg(VGS=10V)
N-ch
--
14
--
nC
P-ch
--
21.5
--
Total Gate Charge
Qg(VGS=4.5V)
N-ch
--
7
--
P-ch
--
11
--
Gate-Source Charge
Qgs
N-ch
--
1.7
--
P-ch
--
3.4
--
Gate-Drain Charge
Qgd
N-ch
--
3.7
--
P-ch
--
5.3
--
Input Capacitance
N-ch
VGS = 0V, VDS = 15V
f = 1.0MHz
P-ch
VGS = 0V, VDS = -15V
f = 1.0MHz
Ciss
N-ch
--
646
--
pF
P-ch
--
1089
--
Output Capacitance
Coss
N-ch
--
108
--
P-ch
--
190
--
Reverse Transfer
Capacitance
Crss
N-ch
--
70
--
P-ch
--
119
--
Gate Resistance
f = 1.0MHz
Rg
N-ch
0.9
3
6
Ω
P-ch
3.6
12
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com