Electronic Components Datasheet Search
  English  ▼

X  

TSM8568CS Datasheet(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Part # TSM8568CS
Description  N- and P-Channel 30V (D-S) Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM8568CS Datasheet(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

Back Button TSM8568CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM8568CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM8568CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM8568CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM8568CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM8568CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM8568CS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TSM8568CS Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TSM8568CS Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TSM8568CS
Taiwan Semiconductor
7
Version: B1611
CHARACTERISTICS CURVES (P-Channel)
(TA = 25°C unless otherwise noted)
Output Characteristics
Transfer Characteristics
On-Resistance vs. Drain Current
Gate-Source Voltage vs. Gate Charge
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-Source Voltage
-VGS, Gate to Source Voltage (V)
-VDS, Drain to Source Voltage (V)
-ID, Drain Current (A)
Qg, Gate Charge (nC)
TJ, Junction Temperature (°C)
-VGS, Gate to Source Voltage (V)
0
2
4
6
8
10
0
5
10
15
20
25
V
DS=-15V
I
D=-7A
0
6
12
18
24
30
0
1
2
3
4
25℃
-55℃
150℃
0
6
12
18
24
30
0
1
2
3
4
V
GS=-10V
V
GS=-7V
V
GS=-5V
V
GS=-4.5V
V
GS=-4V
V
GS=-3V
V
GS=-3.5V
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0
6
12
18
24
30
V
GS=-10V
V
GS=-4.5V
0
0.02
0.04
0.06
0.08
3
4
5
6
7
8
9
10
I
D=-7A
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
-75
-50
-25
0
25
50
75
100
125
150
V
GS=-10V
I
D=-7A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com