Electronic Components Datasheet Search
  English  ▼

X  

TSM8568CS Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TSM8568CS
Description  N- and P-Channel 30V (D-S) Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM8568CS Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSM8568CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM8568CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM8568CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM8568CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM8568CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM8568CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM8568CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM8568CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM8568CS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TSM8568CS
Taiwan Semiconductor
3
Version: B1611
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL TYPE
MIN
TYP
MAX
UNIT
Switching
(Note 4)
Turn-On Delay Time
N-ch
VGS = 10V, VDS = 15V,
ID = 8A, RG = 2Ω
P-ch
VGS = -10V, VDS = -15V,
ID = -7A, RG = 2Ω
td(on)
N-ch
--
5.4
--
ns
P-ch
--
6.2
--
Turn-On Rise Time
tr
N-ch
--
41.3
--
P-ch
--
40.4
--
Turn-Off Delay Time
td(off)
N-ch
--
18
--
P-ch
--
45.4
--
Turn-Off Fall Time
tf
N-ch
--
5.6
--
P-ch
--
45.4
--
Source-Drain Diode
Forward Voltage
(Note 3)
VGS = 0V, IS = 8A
VSD
N-ch
--
--
1
V
VGS = 0V, IS = -7A
P-ch
--
--
-1
Reverse Recovery Time
N-ch
IS = 8A, dI/dt = 100A/μs
P-ch
IS = -7A, dI/dt = 100A/μs
trr
N-ch
--
14
--
ns
P-ch
--
32
--
Reverse Recovery
Charge
Qrr
N-ch
--
4
--
nC
P-ch
--
10
--
Notes:
1.
Silicon limited current only.
2.
N-ch : L = 0.3mH, VGS = 10V, VDD = 25V, RG = 25Ω, IAS = 12A, Starting TJ = 25°C
P-ch : L = 0.3mH, VGS = 10V, VDD = 25V, RG = 25Ω, IAS = 18A, Starting TJ = 25°C
3.
Pulse test: Pulse Width ≤ 300µs, duty cycle ≤ 2%.
4.
Switching time is essentially independent of operating temperature.
ORDERING INFORMATION
PART NO.
PACKAGE
PACKING
TSM8568CS RLG
SOP-8
2,500pcs / 13
” Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com