Electronic Components Datasheet Search
  English  ▼

X  

DS1385 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1385
Description  RAMified Real Time Clock 4K x 8
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1385 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1385 Datasheet HTML 5Page - Dallas Semiconductor DS1385 Datasheet HTML 6Page - Dallas Semiconductor DS1385 Datasheet HTML 7Page - Dallas Semiconductor DS1385 Datasheet HTML 8Page - Dallas Semiconductor DS1385 Datasheet HTML 9Page - Dallas Semiconductor DS1385 Datasheet HTML 10Page - Dallas Semiconductor DS1385 Datasheet HTML 11Page - Dallas Semiconductor DS1385 Datasheet HTML 12Page - Dallas Semiconductor DS1385 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DS1385/DS1387
012496 9/20
REGISTERS
The DS1385/DS1387 has four control registers which
are accessible at all times, even during the update
cycle.
REGISTER A
MSB
LSB
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
UIP
DV2
DV1
DV0
RS3
RS2
RS1
RS0
UIP – The Update In Progress (UIP) bit is a status flag
that can be monitored. When the UIP bit is a one, the
update transfer will soon occur. When UIP is a zero, the
update transfer will not occur for at least 244
µs. The
time, calendar and alarm information in RAM is fully
available for access when the UIP bit is zero. The UIP
bit is read only. Writing the SET bit in Register B to a one
inhibits any update transfer and clears the UIP status
bit.
DV2, DV1, DV0 – These three bits are used to turn the
oscillator on or off and to reset the countdown chain. A
pattern of 010 is the only combination of bits that will turn
the oscillator on and allow the RTC to keep time. A pat-
tern of 11X will enable the oscillator but holds the count-
down chain in reset. The next update will occur at 500
ms after a pattern of 010 is written to DV2, DV1, and
DV0.
RS3, RS2, RS1, RS0 – These four rate–selection bits
select one of the 13 taps on the 15–stage divider or dis-
able the divider output. The tap selected can be used to
generate an output square wave (SQW pin) and/or a pe-
riodic interrupt. The user can do one of the following:
1.
Enable the interrupt with the PIE bit;
2.
Enable the SQW output pin with the SQWE bit;
3.
Enable both at the same time and the same rate; or
4.
Enable neither.
Table 2 lists the periodic interrupt rates and the square
wave frequencies that can be chosen with the RS bits.
REGISTER B
MSB
LSB
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
SET
PIE
AIE
UIE
SQWE
DM
24/12
DSE
SET – When the SET bit is a zero, the update transfer
functions normally by advancing the counts once per
second. When the SET bit is written to a one, any update
transfer is inhibited and the program can initialize the
time and calendar bytes without an update occurring in
the midst of initializing. Read cycles can be executed in
a similar manner. SET is a read/write bit that is not modi-
fied by internal functions of the DS1385/DS1387.
PIE – The Periodic Interrupt Enable bit is a read/write bit
which allows the Periodic Interrupt Flag (PF) bit in Reg-
ister C to drive the IRQ pin low. When the PIE bit is set to
one, periodic interrupts are generated by driving the
IRQ pin low at a rate specified by the RS3-RS0 bits of
Register A. A zero in the PIE bit blocks the IRQ output
from being driven by a periodic interrupt, but the Period-
ic Flag (PF) bit is still set at the periodic rate. PIE is not
modified by any internal DS1385/DS1387 functions.
AIE – The Alarm Interrupt Enable (AIE) bit is a read/
write bit which, when set to a one, permits the Alarm
Flag (AF) bit in register C to assert IRQ. An alarm inter-
rupt occurs for each second that the three time bytes
equal the three alarm bytes including a don’t care alarm
code of binary 11XXXXXX. When the AIE bit is set to
zero, the AF bit does not initiate the IRQ signal. The in-
ternal functions of the DS1385/DS1387 do not affect the
AIE bit.
UIE – The Update Ended Interrupt Enable (UIE) bit is a
read/write bit that enables the Update End Flag (UF) bit
in Register C to assert IRQ. The SET bit going high
clears the UIE bit.
SQWE – When the Square Wave Enable (SQWE) bit is
set to a one, a square wave signal at the frequency set
by the rate–selection bits RS3 through RS0 is driven out
on a SQW pin. When the SQWE bit is set to zero, the
SQW pin is held low. SQWE is a read/write bit.
DM – The Data Mode (DM) bit indicates whether time
and calendar information is in binary or BCD format.
The DM bit is set by the program to the appropriate for-
mat and can be read as required. This bit is not modified
by internal functions. A one in DM signifies binary data
while a zero in DM specifies Binary Coded Decimal
(BCD) data.
24/12 – The 24/12 control bit establishes the format of
the hours byte. A one indicates the 24–hour mode and a
zero indicates the 12–hour mode. This bit is read/write.
DSE – The Daylight Savings Enable (DSE) bit is a read/
write bit which enables two special updates when DSE
is set to one. On the first Sunday in April the time incre-
ments from 1:59:59 AM to 3:00:00 AM. On the last
Sunday in October when the time first reaches 1:59:59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com