Electronic Components Datasheet Search
  English  ▼

X  

DS1385 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1385
Description  RAMified Real Time Clock 4K x 8
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1385 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1385 Datasheet HTML 1Page - Dallas Semiconductor DS1385 Datasheet HTML 2Page - Dallas Semiconductor DS1385 Datasheet HTML 3Page - Dallas Semiconductor DS1385 Datasheet HTML 4Page - Dallas Semiconductor DS1385 Datasheet HTML 5Page - Dallas Semiconductor DS1385 Datasheet HTML 6Page - Dallas Semiconductor DS1385 Datasheet HTML 7Page - Dallas Semiconductor DS1385 Datasheet HTML 8Page - Dallas Semiconductor DS1385 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DS1385/DS1387
012496 3/20
DS1385/DS1387 BLOCK DIAGRAM Figure 1
OSC
POWER
SWITCH
AND
WRITE
PROTECT
VCC
BUFFER
ENABLE
VCC
PERIODIC INTERRUPT/SQUARE WAVE
SELECTOR
SQUARE
WAVE OUT
SQW
IRQ
DOUBLE
BUFFERED
REGISTERS A, B, C, D
CLOCK, CALENDAR,
AND ALARM
BCD/BINARY
INCREMENT
CLOCK/
CALENDAR
UPDATE
BUS
INTERFACE
ALE
RD
WR
AD0-AD7
X1
X2
VCC
CS
POK
+
–
+3V
VBAT
CS
AS1
AS0
WER
USER RAM
50 BYTES
ADDRESS HIGH
BYTE LATCH
ADDRESS LOW
BYTE LATCH
DATA LATCH
NONVOLATILE RAM
4K X 8
64
8
64
OER
CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com