Electronic Components Datasheet Search
  English  ▼

X  

DS1385 Datasheet(PDF) 18 Page - Dallas Semiconductor

Part # DS1385
Description  RAMified Real Time Clock 4K x 8
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1385 Datasheet(HTML) 18 Page - Dallas Semiconductor

Back Button DS1385 Datasheet HTML 12Page - Dallas Semiconductor DS1385 Datasheet HTML 13Page - Dallas Semiconductor DS1385 Datasheet HTML 14Page - Dallas Semiconductor DS1385 Datasheet HTML 15Page - Dallas Semiconductor DS1385 Datasheet HTML 16Page - Dallas Semiconductor DS1385 Datasheet HTML 17Page - Dallas Semiconductor DS1385 Datasheet HTML 18Page - Dallas Semiconductor DS1385 Datasheet HTML 19Page - Dallas Semiconductor DS1385 Datasheet HTML 20Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
DS1385/DS1387
012496 18/20
DS1385 24–PIN DIP
1
C
B
D
H
J
K
G
E
F
A
DIM
MIN
MAX
24–PIN
PKG
A IN.
MM
B IN.
MM
C IN.
MM
D IN.
MM
E IN.
MM
F IN.
MM
G IN.
MM
H IN.
MM
J IN.
MM
K IN.
MM
1.245
31.62
1.270
32.26
0.530
13.46
0.550
13.97
0.140
3.56
0.160
4.06
0.600
15.24
0.625
15.88
0.015
0.38
0.050
1.27
0.120
3.05
0.145
3.68
0.090
2.29
0.110
2.79
0.625
15.88
0.675
17.15
0.008
0.20
0.012
0.30
0.015
0.38
0.022
0.56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com