Electronic Components Datasheet Search
  English  ▼

X  

DS1385 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1385
Description  RAMified Real Time Clock 4K x 8
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1385 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1385 Datasheet HTML 1Page - Dallas Semiconductor DS1385 Datasheet HTML 2Page - Dallas Semiconductor DS1385 Datasheet HTML 3Page - Dallas Semiconductor DS1385 Datasheet HTML 4Page - Dallas Semiconductor DS1385 Datasheet HTML 5Page - Dallas Semiconductor DS1385 Datasheet HTML 6Page - Dallas Semiconductor DS1385 Datasheet HTML 7Page - Dallas Semiconductor DS1385 Datasheet HTML 8Page - Dallas Semiconductor DS1385 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
DS1385/DS1387
012496 2/20
PIN DESCRIPTION
OER
– RAM Output Enable
X1
– Crystal Input
X2
– Crystal Output
AD0-AD7
– Mux’ed Address/Data Bus
CS
– RTC Chip Select Input
ALE
– RTC Address Strobe
WR
– RTC Write Data Strobe
RD
– RTC Read Data Strobe
WER
– RAM Write Data Strobe
IRQ
– Interrupt Request Output (open
drain)
AS1
– RAM Upper Address Strobe
AS0
– RAM Lower Address Strobe
SQW
– Square Wave Output
VCC
– +5V Supply
GND
– Ground
VBAT
– Battery + Supply
BGND
– Battery Ground
NC
– No Connection
DESCRIPTION
The DS1385/DS1387 RAMified Real Time Clocks
(RTCs) are upward–compatible successors to the in-
dustry standard DS1285/DS1287 RTC’s for PC applica-
tions. In addition to the basic DS1285/DS1287 RTC
functions, 4K bytes of on–chip nonvolatile RAM have
been added.
The RTC functions include a time–of–day clock, a one-
hundred year calendar, time–of–day interrupt, periodic
interrupts, and an end–of–clock update cycle interrupt.
In addition, 50–bytes of user NV RAM are provided with-
in this basic RTC function which can be used to store
configuration data. The clock and user RAM are main-
tained in the absence of system VCC by a lithium battery.
The 4K x 8 additional NV RAM is provided to store a
much larger amount of system configuration data than is
possible within the original 50–byte area. This RAM is
accessed via control signals separate from the RTC,
and is also maintained as nonvolatile storage from the
lithium battery.
OPERATION
The block diagram in Figure 1 shows the pin connec-
tions
with
the
major
internal
functions
of
the
DS1385/DS1387. The following paragraphs describe
the function of each pin.
SIGNAL DESCRIPTIONS
GND, VCC – DC power is provided to the device on
these pins. VCC is the +5 volt input. When 5 volts are
applied within normal limits, the device is fully accessi-
ble and data can be written and read. When VCC is be-
low 4.25 volts typical, reads and writes are inhibited.
However, the timekeeping function continues unaf-
fected by the lower input voltage. As VCC falls below 3
volts typical, the RAM and timekeeper are switched
over to the energy source connected to the VBAT pin in
the case of the DS1385, or to the internal battery in the
case of the DS1387. The timekeeping function main-
tains an accuracy of
±1 minute per month at 25°C re-
gardless of the voltage input on the VCC pin.
SQW (Square Wave Output) – The SQW pin can output
a signal from one of 13 taps provided by the 15 internal
divider stages of the real time clock. The frequency of the
SQW pin can be changed by programming Register A as
shown in Table 2. The SQW signal can be turned on and
off using the SQWE bit in Register B. The SQW signal is
not available when VCC is less than 4.25 volts typical.
AD0–AD7 (Multiplexed Bi–directional Address/Data
Bus) – Multiplexed buses save pins because address
information and data information time share the same
signal paths. The addresses are present during the first
portion of the bus cycle and the same pins and signal
paths are used for data in the second portion of the
cycle. Address/data multiplexing does not slow the ac-
cess time of the DS1385/DS1387 since the bus change
from address to data occurs during the internal RAM ac-
cess time. Addresses must be valid prior to the latter
portion of ALE, AS0, or AS1, at which time the
DS1385/DS1387 latches the address from AD0 to AD7.
Valid write data must be present and held stable during
the latter portion of the WR or WER pulses. In a read
cycle, the DS1385/DS1387 outputs eight bits of data
during the latter portion of the RD or OER pulses. The
read cycle is terminated and the bus returns to a high im-
pedance state as RD or OER transitions high.
ALE (RTC Address Strobe Input) – A positive going
address strobe pulse serves to demultiplex the bus.
The falling edge of ALE causes the RTC address to be
latched within the DS1385/DS1387.
RD (RTC Read Input) – RD identifies the time period
when the DS1385/DS1387 drives the bus with RTC
read data. The RD signal is an enable signal for the out-
put buffers of the clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com