Electronic Components Datasheet Search
  English  ▼

X  

PRAHR Datasheet(PDF) 4 Page - Vishay Siliconix

Part # PRAHR
Description  ESCC 4001/025 Qualified High Precision Thin Film Chip Resistor Arrays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PRAHR Datasheet(HTML) 4 Page - Vishay Siliconix

  PRAHR Datasheet HTML 1Page - Vishay Siliconix PRAHR Datasheet HTML 2Page - Vishay Siliconix PRAHR Datasheet HTML 3Page - Vishay Siliconix PRAHR Datasheet HTML 4Page - Vishay Siliconix PRAHR Datasheet HTML 5Page - Vishay Siliconix PRAHR Datasheet HTML 6Page - Vishay Siliconix PRAHR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PRA HR (CNW HR)
www.vishay.com
Vishay Sfernice
Space Applications Only
Revision: 19-Nov-14
4
Document Number: 53043
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OPTIONS
LOT VALIDATION TESTING
For procurement of qualified components, lot validation testing is not required and shall only be performed if specifically
stipulated in the purchase order.
For procurement of unqualified components, lot validation testing shall be performed as stipulated in the purchase order. The
need for lot validation testing shall be determined by the orderer.
When lot validation testing is required, it shall consist of the performance of one or more of the tests or subgroup test sequences
of chart F4 indicated in the ESA Generic Specification ESCC 4001. The testing to be performed and the sample size shall be as
stipulated in the purchase order. When procurement of more than one component type is involved from a family, range or series,
the selection of representative samples shall also be stipulated in the purchase order.
Lot validation testing will be composed of one LVT charges and LVT samples:
Lot validation test charges has to be ordered separately on purchase order.
Lot validation samples have to be ordered separately on purchase order.
FINAL INSPECTION
If requested by the orderer a final inspection can be performed on site.
Final inspection has to be stipulated separately on purchase order.
Notes
(1) Per resistor at +70 °C
(2) At -40 °C +155 °C
(3) If all resistors of the array are: Rn > 250
 at -40 °C to +155 °C
SPECIAL FEATURES
Resistance values can be different on a given network
(R max./R min. as high as 300). Tooling charges might
be required depending on the ohmic values in the
same network. Please, consult Vishay Sfernice for ohmic
values, tolerances and also temperature coefficient outside
the standard range.
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SIZE
RESISTANCE
RANGE
POWER
RATING (1)
W
ABSOLUTE
TOLERANCE
± %
RATIO
TOLERANCE
%
ABSOLUTE
TCR (2)
± ppm/°C
RATIO
TCR (3)
± ppm/°C
PRA HR 100
100
100 to 200K
0.100
0.1, 0.5, 1
0.05, 0.1
10
3
PRA HR 135
135
100 to 250K
0.100
0.1, 0.5, 1
0.05, 0.1
10
3
PRA HR 182
182
100 to 1M
0.100
0.1, 0.5, 1
0.05, 0.1
10
3
PEFORMANCES
TEST
SPECIFICATIONS
CONDITION
Soldering temperature
260 °C
Max.
Limiting voltage
PRA HR 100
35 V
PRA HR 135
75 V
PRA HR 182
100 V
Insulation voltage
PRA HR 100
70 VRMS
PRA HR 135
150 VRMS
PRA HR 182
200 VRMS
CLIMATIC SPECIFICATIONS
Operating temperature range
-65 °C to +155 °C
Storage temperature range
-65 °C to +155 °C
MECHANICAL SPECIFICATIONS
Substrate
Alumina
Technology
Thin Film
Film
Nickel chromium with mineral passivation
Terminations
B type: SnPb over nickel barrier



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com