Electronic Components Datasheet Search
  English  ▼

X  

PRAHR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PRAHR
Description  ESCC 4001/025 Qualified High Precision Thin Film Chip Resistor Arrays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PRAHR Datasheet(HTML) 2 Page - Vishay Siliconix

  PRAHR Datasheet HTML 1Page - Vishay Siliconix PRAHR Datasheet HTML 2Page - Vishay Siliconix PRAHR Datasheet HTML 3Page - Vishay Siliconix PRAHR Datasheet HTML 4Page - Vishay Siliconix PRAHR Datasheet HTML 5Page - Vishay Siliconix PRAHR Datasheet HTML 6Page - Vishay Siliconix PRAHR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PRA HR (CNW HR)
www.vishay.com
Vishay Sfernice
Space Applications Only
Revision: 19-Nov-14
2
Document Number: 53043
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Part number is limited to 18 digits, so packing might be omitted and mentioned in comment on order
(1) When the last digit(s) of the ohmic value is (are) 0, it (they) can be omitted.
E.g.:PRAHR100I4-2K20BWN
 can be ordered under PRAHR100I4-2K2BWN
PRAHR100I4-2K00BWN
 can be ordered under PRAHR100I4-2KBWN
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: PRAHR100I4-10K2BWBT
GLOBAL
MODEL
CONFIGURATION
NUMBERS OF
RESISTORS
OHMIC VALUE
IN CLEAR (1)
ABS. TOL.
RATIO TOL.
TERMINATION
PACKAGING
PRA HR 100
PRA HR 135
PRA HR 182
I: Independent
2 to 8
Decimal
R, K or M
B = 0.1 %
D = 0.5 %
F = 1 %
W = 0.05 %
B = 0.1 %
SnPb over
nickel barrier
For more
information see
“Codification
of packaging”
table
For different ohmic values on a given network a specific number is used
CNW HR
1368
T
GLOBAL MODEL
CUSTOM NETWORK
REFERENCE
For more information see
“Codification of packaging” table
ESCC CODE
DETAILED SPEC.
NUMBER
VARIANT
NUMBER
RESISTANCE
VALUE
ABSOLUTE
TOLERANCE
RATIO
TOLERANCE
ABSOLUTE
TCR
01 to 21
The first three digits are
significant figures and
the last digit specifies
the number of zeros to
follow.
Example:
3901 = 3900
1004 = 1 M
B = 0.1 %
D = 0.5 %
F = 1 %
W = 0.05 %
B = 0.1 %
1 = 10 ppm/°C
DETAILED SPEC.
NUMBER
VARIANT
NUMBER
CUSTOM NETWORK REFERENCE
ABSOLUTE
TOLERANCE
RATIO
TOLERANCE
ABSOLUTE
TCR
22 to 42
Four digits number
defined per
Vishay Sfernice
B = 0.1 %
D = 0.5 %
F = 1 %
W = 0.05 %
B = 0.1 %
1 = 10 ppm/°C
CODIFICATION OF PACKAGING
CODE 18
PACKAGING
WAFFLE PACK
W
25 min., 1 mult
PLASTIC TAPE (Standard for all sizes.)
T
50 min., 1 mult
TA
100 min., 100 mult
TB
250 min., 250 mult
TC
500 min., 500 mult
TD
1000 min., 1000 mult
TE
2500min., 2500 mult
TF
Full tape (quantity depending on size of chips)
H
R
100
I
4
-
1
A
0K2
B
W
BT
R
P
1
025
011
0
01
B
W
1
0
4
0
1
025
221
0
29
B
W
1
0
4
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com