Electronic Components Datasheet Search
  English  ▼

X  

PRAHR Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PRAHR
Description  ESCC 4001/025 Qualified High Precision Thin Film Chip Resistor Arrays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PRAHR Datasheet(HTML) 3 Page - Vishay Siliconix

  PRAHR Datasheet HTML 1Page - Vishay Siliconix PRAHR Datasheet HTML 2Page - Vishay Siliconix PRAHR Datasheet HTML 3Page - Vishay Siliconix PRAHR Datasheet HTML 4Page - Vishay Siliconix PRAHR Datasheet HTML 5Page - Vishay Siliconix PRAHR Datasheet HTML 6Page - Vishay Siliconix PRAHR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PRA HR (CNW HR)
www.vishay.com
Vishay Sfernice
Space Applications Only
Revision: 19-Nov-14
3
Document Number: 53043
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TRACEABILITY DEFINITIONS
The two major traceability elements are defined as:
• The primary process lot number named Front End lot (FE lot). One “FE lot”is composed of several wafers issued from the
same thin film deposition sequence.
• The date code named Batch Number(BN). The “BN” is defined after completion of the end of production testing sequence.
The lot homogeneity is given by the “FE lot” and not by the “BN”.
According to the applied rules validated by the ESCC through the product qualification, the following situations are agreed:
• Parts coming from different “FE lost” might have the same “BN”.
• A maximum of two different “BN” might be applied to the same “FE lot” to enable the use of overruns from a previous PO.
• Unless requested / approved by the customer the “BN” will be 2 years old maximum.
SPECIFIC TRACEABILITY REQUIREMENTS
The following specific requirements have to be treated as:
• A customer who requires “Lot Homogeneity” has to mention it on the PO as “SINGLE PRODUCTION LOT”.
• A customer who requires “Lot Homogeneity” in addition to a “Single Batch Number” has to mention it on the PO as “SINGLE
PRODUCTION LOT AND OPTION R0101”.
END OF PRODUCTION TESTING
Mandatory testing performed at the end of the production process:
• 100 % overload: Voltage
or 2 UL whichever is less - duration 2 s
• 100 % burn in: 168 h at Pn at 70 °C
EXAMPLES OF CROSS REFERENCE BETWEEN ESA PART NUMBER AND VISHAY PART NUMBER
ESA
PART NUMBER
VISHAY
PART NUMBER
EXPLANATIONS
4001025011001BW1
PRAHR100I2-1K00BWB
4001025 =
PRAHR or
CNWHR
01 = 100I2 with
2 identical values
and B termination
1001 = 1K00
BW = BW
1 = TCR 10 ppm
abs: not mentioned
in Vishay P/N
4001025221229BW1
CNWHR1229
4001025 =
PRAHR or
CNWHR
22 = 100I2 with 2
different values, B
terminations
1229 = Vishay
custom
reference
number
BW =
Tolerances
mentioned in
custom file
1 = TCR 10 ppm
abs: not mentioned
in Vishay P/N
CROSS REFERENCE ESA PART NUMBER AND PRAHR PART NUMBER
VARIANT
ESA
VISHAY MODELS
VARIANT
ESA
VISHAY MODELS
VARIANT
ESA
VISHAY MODELS
01
PRAHR100I2 same value
15
PRAHR182I2 same value
29
PRAHR135I2 different value
02
PRAHR100I3 same value
16
PRAHR182I3 same value
30
PRAHR135I3 different value
03
PRAHR100I4 same value
17
PRAHR182I4 same value
31
PRAHR135I4 different value
04
PRAHR100I5 same value
18
PRAHR182I5 same value
32
PRAHR135I5 different value
05
PRAHR100I6 same value
19
PRAHR182I6 same value
33
PRAHR135I6 different value
06
PRAHR100I7 same value
20
PRAHR182I7 same value
34
PRAHR135I7 different value
07
PRAHR100I8 same value
21
PRAHR182I8 same value
35
PRAHR135I8 different value
08
PRAHR135I2 same value
22
PRAHR100I2 different value
36
PRAHR182I2 different value
09
PRAHR135I3 same value
23
PRAHR100I3 different value
37
PRAHR182I3 different value
10
PRAHR135I4 same value
24
PRAHR100I4 different value
38
PRAHR182I4 different value
11
PRAHR135I5 same value
25
PRAHR100I5 different value
39
PRAHR182I5 different value
12
PRAHR135I6 same value
26
PRAHR100I6 different value
40
PRAHR182I6 different value
13
PRAHR135I7 same value
27
PRAHR100I7 different value
41
PRAHR182I7 different value
14
PRAHR135I8 same value
28
PRAHR100I8 different value
42
PRAHR182I8 different value
6.25 P
n x Rn




Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com