Electronic Components Datasheet Search
  English  ▼

X  

PRAHR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PRAHR
Description  ESCC 4001/025 Qualified High Precision Thin Film Chip Resistor Arrays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PRAHR Datasheet(HTML) 1 Page - Vishay Siliconix

  PRAHR Datasheet HTML 1Page - Vishay Siliconix PRAHR Datasheet HTML 2Page - Vishay Siliconix PRAHR Datasheet HTML 3Page - Vishay Siliconix PRAHR Datasheet HTML 4Page - Vishay Siliconix PRAHR Datasheet HTML 5Page - Vishay Siliconix PRAHR Datasheet HTML 6Page - Vishay Siliconix PRAHR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRA HR (CNW HR)
www.vishay.com
Vishay Sfernice
Space Applications Only
Revision: 19-Nov-14
1
Document Number: 53043
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ESCC 4001/025 (
) Qualified High Precision
Thin Film Chip Resistor Arrays
Vishay Sfernice Thin Film division holds ESCC QML
qualification (ESCC technology flow qualification). PRA
Hi-Rel arrays can be used in most applications requiring a
matched pair (or set) of resistor elements. The networks
provide 3 ppm/°C TCR tracking, a ratio tolerance as tight as
0.05 % and outstanding stability. They are available in
1 mm, 1.35, mm and 1.82 mm pitch.
DIMENSIONS
Note
(1) E depends on number of resistors
FEATURES
• Thin film technology
• High stability passivated nichrome resistive layer 0.02 %
on ratio, 1000 h at Pn at +70 °C
• Tight TCR (10 ppm/°C) and TCR tracking (3 ppm/°C)
• Very low noise < -35 dB and voltage coefficient
< 0.01 ppm/V
• Ratio tolerance to 0.01 % (R
 200R)
• Pre-tinned terminations over nickel barrier
• ESA/ESCC qualified
• ESCC 4001 (generic specification)
• ESCC 4001/025 (detailed specification)
• SMD wraparound chip resistor array
• Up to eight different ohmic values (CNW HR)
• Suitable for military use
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL PERFORMANCE
TC tracking: 3 ppm/°C if all resistors of the array are:
Rn > 250
TC tracking: 5 ppm/°C if one or more resistors of the array
is in the range: 100
 to 250  included
DIM.
PRA HR 100
PRA HR 135
PRA HR 182
mm
mil
mm
mil
mm
mil
A1.6
+ 0.2
- 0.1
63
1.85
+ 0.2
- 0.1
72
3.0
+ 0.2
- 0.1
118
B
0.34 ± 0.17
13
0.34 ± 0.17
13
0.34 ± 0.17
13
C0.65
+ 0.15
- 0.15
25.5
1.05
+ 0.15
- 0.15
41
1.3
+ 0.35
- 0.15
51
D
0.25100.25100.2510
E (1)
E = (N x F) ± 0.2 mm
E = (N x F) ± 8 mil
F
1
40
1.35
53.1
1.82
72
G0.38
+ 0.2
- 0
15
0.38
+ 0.2
- 0
15
0.38
+ 0.2
- 0
15
P
0.7
27.5
1.05
41.3
1.52
59.8
Q
0.3
12
0.3120.3
12
R
1
401401
40
S
0.6
23.5
0.8
31.5
1.8
70.8
R
R
F
P
S
Q
Land Pattern
ABSOLUTE
TRACKING
TCR
10 ppm/°C
3 ppm/°C
ABSOLUTE
RATIO
TOL.
0.1 %
0.05 %
I: Independent resistors
E
F
G
C
D
B
A
Termination
Electrical diagram
Number of resistors:
2 to 8
R1 = R2 = ... R8
R1
R2
R7
R8
C: One common point N resistors
F
G
E
C
D
B
A
Number of resistors:
2 to 8
R1 = R2 = ... R8
R1
R2
R7
R8


Similar Part No. - PRAHR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PRAHT073C2 VISHAY-PRAHT073C2 Datasheet
107Kb / 5P
High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays, Sulfur Resistant
18-Sep-14
PRAHT073C3 VISHAY-PRAHT073C3 Datasheet
107Kb / 5P
High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays, Sulfur Resistant
18-Sep-14
PRAHT073C4 VISHAY-PRAHT073C4 Datasheet
107Kb / 5P
High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays, Sulfur Resistant
18-Sep-14
PRAHT073C5 VISHAY-PRAHT073C5 Datasheet
107Kb / 5P
High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays, Sulfur Resistant
18-Sep-14
PRAHT073C6 VISHAY-PRAHT073C6 Datasheet
107Kb / 5P
High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays, Sulfur Resistant
18-Sep-14
More results

Similar Description - PRAHR

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
STF2020A-1000-BQ25W RCD-STF2020A-1000-BQ25W Datasheet
34Kb / 1P
PRECISION THIN FILM CHIP ARRAYS
logo
Vishay Siliconix
PRAHT100 VISHAY-PRAHT100 Datasheet
97Kb / 4P
High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays
20-Nov-12
logo
Riedon Powertron
CAR0402 RIEDON-CAR0402_13 Datasheet
168Kb / 2P
Thin Film Precision Chip Resistor
logo
Vishay Siliconix
PATT VISHAY-PATT Datasheet
94Kb / 4P
Precision Automotive High Temperature Thin Film Chip Resistor, AEC-Q200 Qualified
17-Sep-13
CHPFR VISHAY-CHPFR Datasheet
111Kb / 7P
ESCC 4001/026 Qualified R Failure Rate High Precision Thick Film Chip Resistors
19-Nov-14
CHPHR VISHAY-CHPHR Datasheet
112Kb / 7P
ESCC 4001/026 Qualified High Stability Thick Film Resistor Chips
19-Nov-14
PFRR VISHAY-PFRR Datasheet
109Kb / 6P
ESCC ( ) 4001/023 Qualified R Failure Rate High Precision (10 ppm/째C, 0.05 %) Thin Film Chip Resistors
19-Nov-14
PHR VISHAY-PHR Datasheet
113Kb / 6P
ESCC 4001/023 Qualified High Precision (5 ppm, 0.01 %), Thin Film Chip Resistors
28-Aug-15
logo
Riedon Powertron
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
Thin Film Precision Chip Resistor
logo
Stackpole Electronics, ...
RNCF SEI-RNCF Datasheet
498Kb / 8P
Precision Thin Film Chip Resistor
7/8/2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com