Electronic Components Datasheet Search
  English  ▼

X  

HAL700 Datasheet(PDF) 3 Page - Micronas

Part # HAL700
Description  Dual Hall-Effect Sensor with Independent Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL700 Datasheet(HTML) 3 Page - Micronas

  HAL700 Datasheet HTML 1Page - Micronas HAL700 Datasheet HTML 2Page - Micronas HAL700 Datasheet HTML 3Page - Micronas HAL700 Datasheet HTML 4Page - Micronas HAL700 Datasheet HTML 5Page - Micronas HAL700 Datasheet HTML 6Page - Micronas HAL700 Datasheet HTML 7Page - Micronas HAL700 Datasheet HTML 8Page - Micronas HAL700 Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADVANCE INFORMATION
HAL700
Micronas
3
Dual Hall-Effect Sensor with Independent Outputs
1. Introduction
The HAL 700 is a monolithic CMOS Hall-effect sensor
consisting of two independent latched switches (see
Fig. 3–3) with closely matched magnetic characteris-
tics controlling two independent open-drain outputs.
The Hall plates of the two switches are spaced
2.35 mm apart.
In combination with an active target providing a
sequence of alternating magnetic north and south
poles, the sensor forms a system generating the sig-
nals required to control position, speed, and direction
of the target movement.
The device includes temperature compensation and
active offset compensation to provide excellent stability
and matching of the switching points in the presence of
mechanical stress over the whole temperature- and
supply voltage range. This is required by systems
which determine the direction by comparing two trans-
ducer signals.
The sensor is designed for industrial and automotive
applications and operates with supply voltages from
3.8 V to 24 V in the ambient temperature range from
−40 °C up to 125 °C.
The HAL 700 is available in the SMD package
SOT-89B.
1.1. Features
– two independent Hall-switches
– distance of Hall plates: 2.35 mm
– low sensitivity
–typical BON: 14.9 mT at room temperature
–typical BOFF: −14.9 mT at room temperature
– temperature coefficient of
−2000 ppm/K in all mag-
netic characteristics
– switching offset compensation at typically 150 kHz
– operation from 3.8 V to 24 V supply voltage
– operation with static and dynamic magnetic fields up
to 10 kHz
– overvoltage protection at all pins
– reverse-voltage protection at VDD-pin
– robustness of magnetic characteristics against
mechanical stress
– short-circuit protected open-drain outputs by ther-
mal shutdown
– constant switching points over a wide supply voltage
range
– EMC corresponding to DIN 40839
1.2. Applications
The HAL 700 is the ideal sensor for position-control
applications with direction detection and alternating
magnetic signals such as:
– multipole magnet applications,
– rotating speed and direction measurement,
position tracking (active targets), and
– window lifters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com