Electronic Components Datasheet Search
  English  ▼

X  

HAL700 Datasheet(PDF) 10 Page - Micronas

Part # HAL700
Description  Dual Hall-Effect Sensor with Independent Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL700 Datasheet(HTML) 10 Page - Micronas

Back Button HAL700 Datasheet HTML 4Page - Micronas HAL700 Datasheet HTML 5Page - Micronas HAL700 Datasheet HTML 6Page - Micronas HAL700 Datasheet HTML 7Page - Micronas HAL700 Datasheet HTML 8Page - Micronas HAL700 Datasheet HTML 9Page - Micronas HAL700 Datasheet HTML 10Page - Micronas HAL700 Datasheet HTML 11Page - Micronas HAL700 Datasheet HTML 12Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
HAL700
ADVANCE INFORMATION
10
Micronas
4. Application Notes
4.1. Ambient Temperature
Due to the internal power dissipation, the temperature
on the silicon chip (junction temperature TJ) is higher
than the temperature outside the package (ambient
temperature TA).
TJ = TA + ∆T
At static conditions, the following equation is valid:
∆T = I
DD * VDD * Rth
For typical values, use the typical parameters. For
worst case calculation, use the max. parameters for
IDD and Rth, and the max. value for VDD from the appli-
cation.
For all sensors, the junction temperature range TJ is
specified. The maximum ambient temperature TAmax
can be calculated as:
TAmax = TJmax − ∆T
4.2. Extended Operating Conditions
All sensors fulfil the electrical and magnetic character-
istics when operated within the Recommended Oper-
ating Conditions (see page 7)
Supply Voltage Below 3.8 V
Typically, the sensors operate with supply voltages
above 3 V, however, below 3.8 V some characteristics
may be outside the specification.
Note: The functionality of the sensor below 3.8 V is not
tested. For special test conditions, please contact
Micronas.
4.3. Start-up Behavior
Due to the active offset compensation, the sensors
have an initialization time (enable time ten(O)) after
applying the supply voltage. The parameter ten(O) is
specified in the Electrical Characteristics (see page 8)
During initialization time, the output states are not
defined and the outputs can toggle. After ten(O) both
outputs will be either high or low for a stable magnetic
field (no toggling). The outputs will be low if the applied
magnetic flux density B exceeds BON and high if B
drops below BOFF.
For magnetic fields between BOFF and BON, the output
states of the Hall sensor after applying VDD will be
either low or high. In order to achieve a well-defined
output state, the applied magnetic flux density must be
above BONmax, respectively, below BOFFmin.
4.4. EMC and ESD
For applications that cause disturbances on the supply
line or radiated disturbances, a series resistor and a
capacitor are recommended (see Fig. 4–1). The series
resistor and the capacitor should be placed as closely
as possible to the Hall sensor.
Please contact Micronas for detailed investigation
reports with EMC and ESD results.
Fig. 4–1: Test circuit for EMC investigations
1 VDD
4GND
3 S1-Output
2 S2-Output
RV
220
Ω
VEMC
VP
4.7 nF
RL
2.4 k
Ω
20 pF
RL
2.4 k
Ω
20 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com