Electronic Components Datasheet Search
  English  ▼

X  

HAL700 Datasheet(PDF) 7 Page - Micronas

Part # HAL700
Description  Dual Hall-Effect Sensor with Independent Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL700 Datasheet(HTML) 7 Page - Micronas

Back Button HAL700 Datasheet HTML 3Page - Micronas HAL700 Datasheet HTML 4Page - Micronas HAL700 Datasheet HTML 5Page - Micronas HAL700 Datasheet HTML 6Page - Micronas HAL700 Datasheet HTML 7Page - Micronas HAL700 Datasheet HTML 8Page - Micronas HAL700 Datasheet HTML 9Page - Micronas HAL700 Datasheet HTML 10Page - Micronas HAL700 Datasheet HTML 11Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADVANCE INFORMATION
HAL700
Micronas
7
3.4. Absolute Maximum Ratings
Stresses beyond those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. Functional operation of the device at these or any other conditions beyond those indicated in
the “Recommended Operating Conditions/Characteristics” of this specification is not implied. Exposure to absolute
maximum ratings conditions for extended periods may affect device reliability.
3.5. Recommended Operating Conditions
Symbol
Parameter
Pin No.
Min.
Max.
Unit
VDD
Supply Voltage
1
−15
281)
V
-VP
Supply Voltage
1
−242)
281)
V
−I
DD
Reverse Supply Current
1
−
501)
mA
IDDZ
Supply Current through Protection
Device
1
−1003)
1003)
mA
VO
Output Voltage
2, 3
−0.3
281)
V
IO
Continuous Output On Current
2, 3
−
201)
mA
IOmax
Peak Output On Current
2, 3
−
1503)
mA
IOZ
Output Current through Protection
Device
3
−2003)
2003)
mA
TS
Storage Temperature Range
−65
1505)
°C
TJ
Junction Temperature Range
−40
−40
1704)
150
°C
°C
1) as long, as T
Jmax is not exceeded
2) with a 220-
Ω series resistance at pin 1 corresponding to test circuit 1
3) t < 2 ms
4) t < 1000 h
5) Components stored in the original packaging should provide a shelf life of at least 12 months, starting from the
date code printed on the labels, even in environments as extreme as 40
°C and 90% relative humidity.
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
1
3.8
−
24
V
IO
Continuous Output Current
3
0
−
10
mA
VO
Output Voltage
(output switch off)
30
−
24
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com