Electronic Components Datasheet Search
  English  ▼

X  

HAL700 Datasheet(PDF) 9 Page - Micronas

Part # HAL700
Description  Dual Hall-Effect Sensor with Independent Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL700 Datasheet(HTML) 9 Page - Micronas

Back Button HAL700 Datasheet HTML 4Page - Micronas HAL700 Datasheet HTML 5Page - Micronas HAL700 Datasheet HTML 6Page - Micronas HAL700 Datasheet HTML 7Page - Micronas HAL700 Datasheet HTML 8Page - Micronas HAL700 Datasheet HTML 9Page - Micronas HAL700 Datasheet HTML 10Page - Micronas HAL700 Datasheet HTML 11Page - Micronas HAL700 Datasheet HTML 12Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADVANCE INFORMATION
HAL700
Micronas
9
3.7. Magnetic Characteristics
Fig. 3–3: Definition of magnetic switching points for
the HAL 700
Positive flux density values refer to the magnetic south
pole at the branded side of the package.
3.7.1. Magnetic Threshold
(quasistationary: dB/dt <0.5 mT/ms)
at TJ = −40 °C to +140 °C, VDD = 3.8 V to 24 V,
as not otherwise specified
Typical Characteristics for TJ = 25 °C and VDD = 5 V
3.7.2. Matching of BS1 and BS2
(quasistationary: dB/dt<0.5mT/ms)
at TJ = −40 °C to +140 °C, VDD = 3.8 V to 24 V,
as not otherwise specified
Typical Characteristics for TJ = 25 °C and VDD = 5 V
3.7.3. Hysteresis Matching
(quasistationary: dB/dt<0.5 mT/ms)
at TJ = −40 °C to +140 °C, VDD = 3.8 V to 24V,
as not otherwise specified
Typical Characteristics for TJ = 25 °C and VDD = 5 V
Para-
meter
On point
BS1on, BS2on
Off point
BS1off,, BS2off
Unit
Tj
Min.
Typ.
Max.
Min.
Typ.
Max.
−40 °C
12.5
16.3
20
−20
−16.3 −12.5 mT
25 °C
10.7
14.9
19.1
−19.1 −14.9 −10.7 mT
100 °C
tbd
tbd
tbd
tbd
tbd
tbd
mT
140 °C
6.0
10.9
16.0
−16.0 −10.9 −6.0
mT
BOFF
BON
0
VOL
VO
Output Voltage
B
BHYS
Para-
meter
BS1on − BS2on
BS1off − BS2off
Unit
Tj
Min.
Typ
Max.
Min.
Typ
Max.
−40 °C
−7.5
0
7.5
−7.5
0
7.5
mT
25 °C
−7.5
0
7.5
−7.5
0
7.5
mT
100 °C
−7.5
0
7.5
−7.5
0
7.5
mT
140 °C
−7.5
0
7.5
−7.5
0
7.5
mT
Parameter
(BS1on − BS1off) / (BS2on − BS2off)
Unit
Tj
Min.
Typ.
Max.
−40 °C
0.85
1.0
1.2
−
25 °C
0.85
1.0
1.2
−
100 °C
0.85
1.0
1.2
−
140 °C
0.85
1.0
1.2
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com