Electronic Components Datasheet Search
  English  ▼

X  

LM76002 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LM76002
Description  3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM76002 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM76002 Datasheet HTML 35Page - Texas Instruments LM76002 Datasheet HTML 36Page - Texas Instruments LM76002 Datasheet HTML 37Page - Texas Instruments LM76002 Datasheet HTML 38Page - Texas Instruments LM76002 Datasheet HTML 39Page - Texas Instruments LM76002 Datasheet HTML 40Page - Texas Instruments LM76002 Datasheet HTML 41Page - Texas Instruments LM76002 Datasheet HTML 42Page - Texas Instruments LM76002 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
VOUT
ILOAD
(2 A/DIV)
Time (100 µs/DIV)
IINDUCTOR
(200 mV/
DIV)
(2 A/DIV)
VOUT
ILOAD
(2 A/DIV)
Time (100 µs/DIV)
IINDUCTOR
(200 mV/
DIV)
(2 A/DIV)
VOUT
ILOAD
(2 A/DIV)
Time (100 µs/DIV)
IINDUCTOR
(200 mV/
DIV)
(2 A/DIV)
VOUT
ILOAD
(2 A/DIV)
Time (100 µs/DIV)
IINDUCTOR
(200 mV/
DIV)
(2 A/DIV)
VOUT
PGOOD
(2 A/DIV)
Time (5 ms/DIV)
IINDUCTOR
(2 V/DIV)
(2 V/DIV)
Enable
(2 V/DIV)
VOUT
VSW
(2 A/DIV)
Time (50 ms/DIV)
IINDUCTOR
(1 V/DIV)
(5 V/DIV)
39
LM76002-Q1, LM76003-Q1
www.ti.com
SNVSAU3 – DECEMBER 2017
Product Folder Links: LM76002-Q1 LM76003-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Unless otherwise specified the following conditions apply:
VIN = 12 V
VOUT = 5 V
fSW = 500 kHz
No Load
FPWM Mode
Figure 71. LM76002-Q1 Start-up With Pre-Biased Output
VIN = 12 V
VOUT = 5 V
fSW = 500 kHz
Auto Mode
Figure 72. LM76003-Q1 Short-Circuit Behavior With Hiccup
VIN = 12 V
VOUT = 3.3 V
fSW = 500 kHz
10 mA to 3.5 A to 10 mA
Auto Mode
Figure 73. LM76003-Q1 Load Transient
VIN = 12 V
VOUT = 3.3 V
fSW = 500 kHz
10 mA to 3.5 A to 10 mA
FPWM Mode
Figure 74. LM76003-Q1 Load Transient
VIN = 12 V
VOUT = 5 V
fSW = 500 kHz
10 mA to 3.5 A to 10 mA
Auto Mode
Figure 75. LM76003-Q1 Load Transient
VIN = 12 V
VOUT = 5 V
fSW = 500 kHz
10 mA to 3.5 A to 10 mA
FPWM Mode
Figure 76. LM76003-Q1 Load Transient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com