Electronic Components Datasheet Search
  English  ▼

X  

LM76002 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM76002
Description  3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM76002 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM76002 Datasheet HTML 8Page - Texas Instruments LM76002 Datasheet HTML 9Page - Texas Instruments LM76002 Datasheet HTML 10Page - Texas Instruments LM76002 Datasheet HTML 11Page - Texas Instruments LM76002 Datasheet HTML 12Page - Texas Instruments LM76002 Datasheet HTML 13Page - Texas Instruments LM76002 Datasheet HTML 14Page - Texas Instruments LM76002 Datasheet HTML 15Page - Texas Instruments LM76002 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
REF
PVIN
BIAS
PGOOD
EN
CONTROL LOGIC
AGND
PGND
Oscillator
LDO
SYNC/
MODE
VCC
SW
FB
HS I Sense
EA
RT
UVLO
HICCUP
Detector
Internal
SS
OV/UV
Detector
+
PFM
Detector
Slope Comp
+
±
Precision
Enable
LS I Sense
PGood
FB
RC
CC
ISSC
ICMD
ICMD
+
±
VCC
CLK
FPWM
TSD
VBOOT
VBOOT
UVLO
SS/TRK
Copyright © 2017, Texas Instruments Incorporated
BOOT
12
LM76002-Q1, LM76003-Q1
SNVSAU3 – DECEMBER 2017
www.ti.com
Product Folder Links: LM76002-Q1 LM76003-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM76002-Q1/LM76003-Q1 regulator is an easy-to-use synchronous step-down DC-DC converter that
operates from 3.5-V to 60-V supply voltage. The device is capable of delivering up to 2.5-A or 3.5-A DC load
current with exceptional efficiency and thermal performance in a very small solution size.
The
LM76002-Q1/LM76003-Q1
employs
fixed-frequency
peak-current-mode
control
with
configurable
discontinuous conduction mode (DCM) and pulse frequency modulation (PFM) mode at light load to achieve high
efficiency across the load range. The device can also be configured as forced-PWM (FPWM) operation to keep
constant switching frequency over the load range. The device is internally compensated, which reduces design
time and requires fewer external components. The switching frequency is programmable from 300 kHz to 2.2
MHz by an external resistor. The LM76002-Q1/LM76003-Q1 is also capable of synchronization to an external
clock operating within the 300-kHz to 2.2-MHz frequency range. The wide switching frequency range allows the
device to meet a wide range of design requirements. It can be optimized to very small solution size with higher
frequency or to very high efficiency with lower switching frequency. It has very small minimum HS MOSFET on-
time (tON-MIN) and minimum off-time (tOFF-MIN) to provide wide range of voltage conversion. Automated frequency
foldback is employed under tON-MIN or tOFF-MIN condition to further extend the operation range.
The LM76002-Q1/LM76003-Q1 also features a power-good (PGOOD) flag, precision enable, internal or
adjustable soft-start rate, start-up with pre-bias voltage, and output voltage tracking. It provides a both flexible
and easy-to-use solution for wide range of applications. Protection features include thermal shutdown, VCC
undervoltage lockout, cycle-by-cycle current limiting, and short-circuit hiccup protection.
The family requires very few external components and has a pinout designed for simple, optimum PCB layout for
EMI and thermal performance. The LM76002-Q1/LM76003-Q1 device is available in a 30-pin WQFN lead-less
package.
7.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com