Electronic Components Datasheet Search
  English  ▼

X  

LM76002 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # LM76002
Description  3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM76002 Datasheet(HTML) 49 Page - Texas Instruments

Back Button LM76002 Datasheet HTML 45Page - Texas Instruments LM76002 Datasheet HTML 46Page - Texas Instruments LM76002 Datasheet HTML 47Page - Texas Instruments LM76002 Datasheet HTML 48Page - Texas Instruments LM76002 Datasheet HTML 49Page - Texas Instruments LM76002 Datasheet HTML 50Page - Texas Instruments LM76002 Datasheet HTML 51Page - Texas Instruments LM76002 Datasheet HTML 52Page - Texas Instruments LM76002 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
www.ti.com
PACKAGE OUTLINE
C
A
A
30X
0.3
0.2
1.8±0.1
22X
0.65
0.45
0.8 MAX
(0.2) TYP
0.05
0.00
26X 0.5
2X
5
4.5±0.1
2X 1.5
8X
0.5
0.3
A
4.1
3.9
B
6.1
5.9
(0.08)
(0.05)
WQFN - 0.8 mm max height
RNP0030B
PLASTIC QUAD FLATPACK - NO LEAD
4222784/A 02/2016
PIN 1 INDEX AREA
SEATING PLANE
0.08 C
1
11
16
26
12
15
30
27
(OPTIONAL)
PIN 1 ID
0.1
C A
B
0.05
C
EXPOSED
THERMAL PAD
SYMM
SYMM
31
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 2.700
SCALE 25.000
SECTION A-A
SECTION A-A
TYPICAL
49
LM76002-Q1, LM76003-Q1
www.ti.com
SNVSAU3 – DECEMBER 2017
Product Folder Links: LM76002-Q1 LM76003-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com