Electronic Components Datasheet Search
  English  ▼

X  

LM76002 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM76002
Description  3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM76002 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM76002 Datasheet HTML 9Page - Texas Instruments LM76002 Datasheet HTML 10Page - Texas Instruments LM76002 Datasheet HTML 11Page - Texas Instruments LM76002 Datasheet HTML 12Page - Texas Instruments LM76002 Datasheet HTML 13Page - Texas Instruments LM76002 Datasheet HTML 14Page - Texas Instruments LM76002 Datasheet HTML 15Page - Texas Instruments LM76002 Datasheet HTML 16Page - Texas Instruments LM76002 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
VSW
VIN
D = tON/ TSW
tON
tOFF
TSW
t
-VD
0
iL
IOUT
t
0
ILPK
ûiL
13
LM76002-Q1, LM76003-Q1
www.ti.com
SNVSAU3 – DECEMBER 2017
Product Folder Links: LM76002-Q1 LM76003-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Fixed-Frequency, Peak-Current-Mode Control
The following operation description of the LM76002-Q1/LM76003-Q1 refers to the Functional Block Diagram and
to the waveforms in Figure 10. The LM76002-Q1/LM76003-Q1 supplies a regulated output voltage by turning on
the internal high side (HS) and low side (LS) NMOS switches with varying duty cycle (D). During high-side switch
on-time tON, the SW pin voltage VSW swings up to approximately VIN, and the inductor current iL increase with
linear slope. The HS switch is off by the control logic. During the HS switch off-time, tOFF, the LS switch is turned
on. Inductor current discharges through the LS switch, which forces the VSW to swing below ground by the
voltage drop across the LS switch. The regulator loop adjusts the duty cycle to maintain a constant output
voltage. The control parameter of buck converter is defined as duty cycle D = tON / tSW. In an ideal buck
converter, where losses are ignored, D is proportional to the output voltage and inversely proportional to the input
voltage: D = VOUT / VIN.
Figure 10. SW Node and Inductor Current Waveforms in
Continuous Conduction Mode
The LM76002-Q1/LM76003-Q1 synchronous buck converter employs peak current-mode control topology. A
voltage-feedback loop is used to get accurate DC-voltage regulation by adjusting the peak current command
based on voltage offset. The peak inductor current is sensed from the HS switch and compared to the peak
current to control the on-time of the HS switch. The voltage feedback loop is internally compensated, which
allows command for fewer external components, makes it easy to design, and provides stable operation with
almost any combination of output capacitors. The regulator operates with fixed switching frequency in continuous
conduction mode (CCM) and discontinuous conduction mode (DCM). At very light load, the LM76002-
Q1/LM76003-Q1 operates in PFM to maintain high efficiency, and the switching frequency decreases with
reduced load current.
7.3.2 Light Load Operation Modes — PFM and FPWM
DCM operation is employed in the LM76002-Q1/LM76003-Q1 when the inductor current valley reaches zero. The
LM76002-Q1/LM76003-Q1 is in DCM when load current is less than half of the peak-to-peak inductor current
ripple in CCM. In DCM, the LS switch is turned off when the inductor current reaches zero. Switching loss is
reduced by turning off the LS FET at zero current, and the conduction loss is lowered by not allowing negative
current conduction. Power conversion efficiency is higher in DCM than CCM under the same conditions.
In DCM, the HS switch on-time reduces with lower load current. When either the minimum HS switch on-time
(tON-MIN) or the minimum peak inductor current (IPEAK-MIN) is reached, the switching frequency decreases to
maintain regulation. At this point, the LM76002-Q1/LM76003-Q1 operates in PFM. In PFM, switching frequency
is decreased by the control loop when load current reduces to maintain output voltage regulation. Switching loss
is further reduced in PFM operation due to less frequent switching actions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com