Electronic Components Datasheet Search
  English  ▼

X  

LT1941 Datasheet(PDF) 18 Page - Linear Technology

Part # LT1941
Description  Triple Monolithic Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1941 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT1941 Datasheet HTML 14Page - Linear Technology LT1941 Datasheet HTML 15Page - Linear Technology LT1941 Datasheet HTML 16Page - Linear Technology LT1941 Datasheet HTML 17Page - Linear Technology LT1941 Datasheet HTML 18Page - Linear Technology LT1941 Datasheet HTML 19Page - Linear Technology LT1941 Datasheet HTML 20Page - Linear Technology LT1941 Datasheet HTML 21Page - Linear Technology LT1941 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
LT1941
1941f
In Figure 6a, a larger capacitor on RUN/SS2 delays chan-
nel 2 with respect to channel 1. The soft-start capacitor on
RUN/SS2 should be at least twice the value of the capacitor
on RUN/SS1. A larger ratio may be required, depending on
the output capacitance and load on each channel. Make
sure to test the circuit in the system before deciding on
final values for these capacitors.
The circuit in Figure 6b requires the fewest components,
with both channels sharing a single soft-start capacitor.
The power good comparator of channel 1 disables chan-
nel 2 until output 1 is in regulation.
For independent control of channel 2, use the circuit in
Figure 6c. The capacitor on RUN/SS1 is smaller than the
capacitor on RUN/SS2. This allows the LT1941 to start up
and enable its power good comparator before RUN/SS2
gets high enough to allow channel 2 to start switching.
Channel 2 only operates when it is enabled with the
external control signals and output 1 is in regulation.
The circuit in Figure 6a leaves both power good indicators
free. However, the circuits in Figures 6b and 6c have
another advantage. As well as sequencing the two outputs
at start-up, they also disable channel 2 if output 1 falls out
of regulation (due to a short circuit or a collapsing input
voltage).
Finally, be aware that the circuit in Figure 6d does not
work, because the power good comparators are disabled
in shutdown.
PCB LAYOUT
For proper operation and minimum EMI, care must be
taken during printed circuit board (PCB) layout. Figure 7
shows the high current paths in the step-down regulator
circuit. Note that in the step-down regulators large, switched
currents flow in the power switch, the catch diode and the
input capacitor. In the inverter/boost regulator large,
switched currents flow through the power switch, the
switching diode, and either the output capacitor in boost
configuration, or the tank capacitor in the inverter configu-
ration. The loop formed by these components should be as
small as possible. Place these components, along with the
inductor and output capacitor, on the same side of the
circuit board and connect them on that layer. Place a local,
unbroken ground plane below these components and tie
this ground plane to system ground at one location, ideally
at the ground terminal of the output capacitor C2. Addi-
tionally, keep the SW and BOOST nodes as small as
possible.
APPLICATIO S I FOR ATIO
OFF
1941 F06
RUN/SS1
PG1
ON
GND
OFF
RUN/SS1
LT1941
LT1941
ON
GND
RUN/SS2
OFF
RUN/SS1
ON
OFF2 ON2
GND
RUN/SS2
RUN/SS2
VC2
PG1
1nF
1nF
1nF
2.2nF
1nF
1.5nF
1.5nF
(6b) Fewest Components
(6c) Independent Control of Channel 2
OFF
RUN/SS1
ON
GND
RUN/SS2
PG1
(6d) Doesn't Work !
(6a) Channel 2 is Delayed
LT1941
LT1941
Figure 6. Several Methods of Sequencing Two Ouputs. Channel 1 Starts First



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com