Electronic Components Datasheet Search
  English  ▼

X  

LT1941 Datasheet(PDF) 20 Page - Linear Technology

Part # LT1941
Description  Triple Monolithic Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1941 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1941 Datasheet HTML 16Page - Linear Technology LT1941 Datasheet HTML 17Page - Linear Technology LT1941 Datasheet HTML 18Page - Linear Technology LT1941 Datasheet HTML 19Page - Linear Technology LT1941 Datasheet HTML 20Page - Linear Technology LT1941 Datasheet HTML 21Page - Linear Technology LT1941 Datasheet HTML 22Page - Linear Technology LT1941 Datasheet HTML 23Page - Linear Technology LT1941 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
LT1941
1941f
APPLICATIO S I FOR ATIO
CHANNEL 1 OUTPUT POWER (WATTS)
0
0
1
2
3
4
6
1
23
4
1941 F09a
56
5
CHANNEL 3
OUTPUT POWER (P3)
P3 = 2W
P3 = 4W
P3 = 6W
CHANNEL 1 OUTPUT POWER (WATTS)
0
0
0.5
1.0
1.5
2.0
3.0
12
1941 F09b
3
2.5
CHANNEL 3
OUTPUT POWER (P3)
P3 = 1W
P3 = 2W
P3 = 3W
Figure 9. Power Output Capability of an Individual Channel Depends on the Output Power of the Other Channels
Power Output Capability for PDISS = 2W, η = 0.75
Power Output Capability for PDISS = 1W, η = 0.75
temperature. The output current capability of the third
channel can be calculated from the output currents and
voltages of the other channels, the switching regulator
efficiency (
η), the ambient temperature (TA), the maxi-
mum junction temperature (TJMAX) and the thermal
resistance from junction to ambient (
θJA) as follows:
P
TT
P
P
VI
V
I
I
P
V
DISS
JMAX
A
JA
DISS
=
=
=
–
–
–• –
•
θ
η
3
1
12
3
3
12
3
Example: LT1941 at V1 = 2.5V, I1 = 2A, V2 = 3.3V, I2 = 1A,
V3 = 12V,
η = 80%, TA = 75°C, TJMAX = 125°C, θJA =
25
°C/W:
P
CC
CW
W
P
W
VA
V
A
W
I
W
V
A
DISS =
°°
°
=
==
==
125
75
25
2
3
2
10 8
25
2
3 3
1
17
17
12
0 141
3
–
/
–.
–.
•
– .
•
.
.
.
Note that decreasing
θJA increases the power output
capability. The power output capability of the individual
channels can be calculated from the following:
Channel 1 Output Power (P1) = V1 • I1
Channel 2 Output Power (P2) = V2 • I2
Channel 3 Output Power (P3) = V3 • I3
Total Output Power (P123) = PDISS/η = P1 + P2 + P3
Figure 9 shows power output capability if overall system
efficiency (
η) is 75% and maximum allowable power
dissipation (PDISS) is either 1W or 2W. For example, if
allowable power dissipation is 2W, Channel 3 output
power is 2W and Channel 2 output power is 1W, then
Channel 1 output power can be up to 5W.
RELATED LINEAR TECHNOLOGY PUBLICATIONS
Application notes 19, 35, 44, 76 and 88 contain more
detailed descriptions and design information for buck
regulators and other switching regulators. The LT1375
data sheet has a more extensive discussion of output
ripple, loop compensation, and stability testing. Design
Notes 100 and 318 show how to generate a dual polarity
output supply using a buck regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com