Electronic Components Datasheet Search
  English  ▼

X  

LT1941 Datasheet(PDF) 24 Page - Linear Technology

Part # LT1941
Description  Triple Monolithic Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1941 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT1941 Datasheet HTML 16Page - Linear Technology LT1941 Datasheet HTML 17Page - Linear Technology LT1941 Datasheet HTML 18Page - Linear Technology LT1941 Datasheet HTML 19Page - Linear Technology LT1941 Datasheet HTML 20Page - Linear Technology LT1941 Datasheet HTML 21Page - Linear Technology LT1941 Datasheet HTML 22Page - Linear Technology LT1941 Datasheet HTML 23Page - Linear Technology LT1941 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
24
LT1941
1941f
LT/TP 0504 1K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 2004
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1613
550mA (ISW), 1.4MHz, High Efficiency Step-Up DC/DC Converter VIN: 0.9V to 10V, VOUT(MAX) = 34V, IQ = 3mA, ISD < 1µA,
ThinSOT
TM Package
LT1615/LT1615-1
300mA/80mA (ISW), High Efficiency Step-Up DC/DC Converter
VIN: 1V to 15V, VOUT(MAX) = 34V, IQ = 20µA, ISD < 1µA,
ThinSOT Package
LT1617/LT1617-1
300mA/100mA (ISW), 1.2MHz/2.2MHz, High Efficiency Inverting
VIN: 1.2V to 15V, VOUT(MAX) = –34V, IQ = 20µA, ISD < 1µA,
DC/DC Converter
ThinSOT Package
LT1618
1.5A (ISW), 1.25MHz, High Efficiency Step-Up DC/DC Converter
VIN: 1.6V to 18V, VOUT(MAX) = 35V, IQ = 1.8mA, ISD < 1µA,
MS10 Package
LT1930/LT1930A
1A (ISW), 1.2MHz/2.2MHz, High Efficiency Step-Up
VIN: 2.6V to 16V, VOUT(MAX) = 34V, IQ = 4.2mA/5.5mA, ISD < 1µA,
DC/DC Converter
ThinSOT Package
LT1931/LT1931A
1A (ISW), 1.2MHz/2.2MHz, High Efficiency Inverting
VIN: 2.6V to 16V, VOUT(MAX) = –34V, IQ = 5.8mA, ISD < 1µA,
DC/DC Converter
ThinSOT Package
LT1943
Quad Output, 2.6A Buck, 2.6A Boost, 0.3A Boost,
VIN: 4.5V to 22V, VOUT(MAX) = 40V, IQ = 10mA, ISD < 35µA,
0.4A Inverter 1.2MHz TFT DC/DC Converter
TSSOP28E Package
LT1944-1
Dual Output 150mA (ISW), Constant Off-Time, High Efficiency
VIN: 1.2V to 15V, VOUT(MAX) = 34V, IQ = 20µA, ISD < 1µA,
Step-Up DC/DC Converter
MS10 Package
LT1944
Dual Output 350mA (ISW), Constant Off-Time, High Efficiency
VIN: 1.2V to 15V, VOUT(MAX) = 34V, IQ = 20µA, ISD < 1µA,
Step-Up DC/DC Converter
MS10 Package
LT1945
Dual Output Pos/Neg 350mA (ISW), Constant Off-Time,
VIN: 1.2V to 15V, VOUT(MAX) = ±34V, IQ = 20µA, ISD < 1µA,
High Efficiency Step-Up DC/DC Converter
MS10 Package
LT1946/LT1946A
1.5A (ISW), 1.2MHz/2.7MHz, High Efficiency Step-Up
VIN: 2.45V to 16V, VOUT(MAX) = 34V, IQ = 3.2mA, ISD < 1µA,
DC/DC Converter
MS8 Package
LT1961
1.5A (ISW), 1.25MHz, High Efficiency Step-Up DC/DC Converter
VIN: 3V to 25V, VOUT(MAX) = 35V, IQ = 0.9mA, ISD < 6µA,
MS8E Package
LT3436
3A (ISW), 1MHz, 34V Step-Up DC/DC Converter
VIN: 3V to 25V, VOUT(MAX) = 34V, IQ = 0.9mA, ISD < 6µA,
TSSOP16E Package
LT3461/LT3461A
300mA (ISW), High Efficiency Step-Up DC/DC Converter with
VIN: 2.5V to 16V, VOUT(MAX) = 38V, IQ = 2.8mA, ISD < 1µA,
Integrated Schottky and Soft-Start
ThinSOT Package
LT3463
Dual Output Pos/Neg 250mA (ISW), Constant Off-Time, High
VIN: 2.4V to 15V, VOUT(MAX) = ±40V, IQ = 40µA, ISD < 1µA,
Efficiency Step-Up DC/DC Converter with Integrated Schottkys
3mm
× 3mm DFN10 Package
LT3464
85mA (ISW), High Efficiency Step-Up DC/DC Converter with
VIN: 2.3V to 10V, VOUT(MAX) = 34V, IQ = 25µA, ISD < 1µA,
Integrated Schottky and PNP Disconnect
ThinSOT Package
ThinSOT is a trademark of Linear Technology Corporaton.
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com