Electronic Components Datasheet Search
  English  ▼

X  

AD8285 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8285
Description  Radar Receive Path AFE: 4-Channel LNA/PGA/AAF
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8285 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8285 Datasheet HTML 9Page - Analog Devices AD8285 Datasheet HTML 10Page - Analog Devices AD8285 Datasheet HTML 11Page - Analog Devices AD8285 Datasheet HTML 12Page - Analog Devices AD8285 Datasheet HTML 13Page - Analog Devices AD8285 Datasheet HTML 14Page - Analog Devices AD8285 Datasheet HTML 15Page - Analog Devices AD8285 Datasheet HTML 16Page - Analog Devices AD8285 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD8285
Data Sheet
Rev. B | Page 12 of 27
Figure 16. Group Delay vs. Frequency
Figure 17. Harmonic Distortion vs. Input Frequency
Figure 18. RIN vs. Frequency
Figure 19. Overdrive Recovery
Figure 20. Gain Step Response
Figure 21. Noise Figure vs. Frequency
0
100
200
300
400
500
600
700
800
900
1000
0.1
1
10
100
FREQUENCY (MHz)
1MHz
2MHz
4MHz
8MHz
12MHz
–80
–75
–70
–65
–60
–55
–50
–45
–40
0123
4567
INPUT FREQUENCY (MHz)
SECOND HARMONIC, –1dBFS
SECOND HARMONIC, –10dBFS
THIRD HARMONIC, –1dBFS
THIRD HARMONIC, –10dBFS
0
20k
40k
60k
80k
100k
120k
140k
160k
180k
200k
0
50
100
150
200
250
300
350
400
450
500
0.01
0.1
1
10
100
FREQUENCY (MHz)
IMPEDANCE = 200Ω
IMPEDANCE = 200kΩ
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TIME (µs)
CH3 1V
CH2 500mV
M1µs 1.25GS/s
A CH2
560mV
800ps/pt
2
3
Ω
SDO
ANALOG
OUTPUT
0
5
10
15
20
25
30
0.1
1
10
FREQUENCY (MHz)
34dB, 50Ω TERMINATED
34dB, UNTERMINATED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com