Electronic Components Datasheet Search
  English  ▼

X  

AD8285 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8285
Description  Radar Receive Path AFE: 4-Channel LNA/PGA/AAF
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8285 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8285 Datasheet HTML 13Page - Analog Devices AD8285 Datasheet HTML 14Page - Analog Devices AD8285 Datasheet HTML 15Page - Analog Devices AD8285 Datasheet HTML 16Page - Analog Devices AD8285 Datasheet HTML 17Page - Analog Devices AD8285 Datasheet HTML 18Page - Analog Devices AD8285 Datasheet HTML 19Page - Analog Devices AD8285 Datasheet HTML 20Page - Analog Devices AD8285 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD8285
Data Sheet
Rev. B | Page 16 of 27
Figure 26. Data and DSYNC Timing
ADC
The AD8285 uses a pipelined ADC architecture. The quantized
output from each stage is combined into a 12-bit result in the
digital correction logic. The pipelined architecture permits the
first stage to operate on a new input sample and the remaining
stages to operate on preceding samples. Sampling occurs on the
rising edge of the clock. The output staging block aligns the data,
corrects errors, and passes the data to the output buffers.
CLOCK INPUT CONSIDERATIONS
For optimum performance, clock the AD8285 sample clock
inputs (CLK+ and CLK−) with a differential signal. This signal
is typically ac-coupled into the CLK+ and CLK− pins via a
transformer or by using capacitors. These pins are biased
internally and require no additional bias.
Figure 27 shows the preferred method for clocking the AD8285.
A low jitter clock source, such as the Valpey Fisher oscillator
VFAC3-BHL-50MHz, is converted from single ended to
differential using an RF transformer. The back to back Schottky
diodes across the secondary transformer limit clock excursions
into the AD8285 to approximately 0.8 V p-p differential. This
helps prevent the large voltage swings of the clock from feeding
through to other portions of the AD8285, and it preserves the
fast rise and fall times of the signal, which are critical to low
jitter performance.
Figure 27. Transformer Coupled Differential Clock
If a low jitter clock is available, another option is to ac-couple a
differential PECL or LVDS signal to the sample clock input pins
as shown in Figure 28 and Figure 29. The AD9515/AD9520-0
device family of clock drivers offers excellent jitter performance.
Figure 28. Differential PECL Sample Clock
Figure 29. Differential LVDS Sample Clock
In some applications, it is acceptable to drive the sample clock
inputs with a single-ended CMOS signal. In such applications,
drive CLK+ directly from a CMOS gate and bypass the CLK−
pin to ground with a 0.1 μF capacitor in parallel with a 39 kΩ
resistor (see Figure 30). Although the CLK+ input circuit supply
is AVDD18, this input is designed to withstand input voltages of
up to 3.3 V, making the selection of the drive logic voltage very
flexible. The AD9515/AD9520-0 device family can provide 3.3 V
inputs (see Figure 31). In this case, 39 kΩ resistor is not needed.
N
INAx
N + 1
OUTAN – 1
XXXX
NOTES
1. FOR THIS CONFIGURATION, ADDRESS 0x0C, BITS [3:0] IS SET TO 0110 (CHANNEL A, B, C, AND D ENABLED).
2. DSYNC IS ALWAYS ALIGNED WITH CHANNEL A UNLESS CHANNEL A OR CHANNEL AUX IS THE ONLY CHANNEL SELECTED, IN WHICH CASE DSYNC IS NOT ACTIVE.
3. THERE IS A SEVEN-CLOCK CYCLE LATENCY FROM SAMPLING A CHANNEL TO ITS DIGITAL DATA BEING PRESENT ON THE PARALLEL BUS PINS.
OUTB
OUTC
OUTD
OUTAN
OUTB
OUTC
OUTD
CLK–
CLK+
D[11:0]
DSYNC
tPD
tDH
tDS
0.1µF
0.1µF
0.1µF
0.1µF
SCHOTTKY
DIODES:
HSM2812
3.3V
50Ω 100Ω
CLK–
CLK+
ADC
AD8285
MINI-CIRCUITS®
ADT1-1WT, 1:1Z
XFMR
VFAC3
OUT
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
240Ω
240Ω
50Ω*
CLK
CLK
*50Ω RESISTOR IS OPTIONAL.
CLK–
CLK+
ADC
AD8285
PECL DRIVER
3.3V
OUT
VFAC3
AD951x/AD952x
FAMILY
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
AD951x/AD952x
FAMILY
50Ω*
CLK
CLK
*50Ω RESISTOR IS OPTIONAL.
CLK–
CLK+
ADC
AD8285
LVDS DRIVER
3.3V
OUT
VFAC3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com