Electronic Components Datasheet Search
  English  ▼

X  

AD8285 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8285
Description  Radar Receive Path AFE: 4-Channel LNA/PGA/AAF
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8285 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8285 Datasheet HTML 15Page - Analog Devices AD8285 Datasheet HTML 16Page - Analog Devices AD8285 Datasheet HTML 17Page - Analog Devices AD8285 Datasheet HTML 18Page - Analog Devices AD8285 Datasheet HTML 19Page - Analog Devices AD8285 Datasheet HTML 20Page - Analog Devices AD8285 Datasheet HTML 21Page - Analog Devices AD8285 Datasheet HTML 22Page - Analog Devices AD8285 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD8285
Data Sheet
Rev. B | Page 18 of 27
VOLTAGE REFERENCE
A stable and accurate 0.5 V voltage reference is built into the
AD8285. This is gained up internally by a factor of 2, setting
VREF to 1.024 V, which results in a full-scale differential input
span of 2.0 V p-p for the ADC. VREF is set internally by default,
but the VREF pin can be driven externally with a 1.0 V reference to
achieve more accuracy. However, this device does not support
ADC full-scale ranges below 2.0 V p-p.
When applying the decoupling capacitors to the VREF pin, use
ceramic low ESR capacitors. These capacitors must be close to
the reference pin and on the same layer of the printed circuit board
(PCB) as the AD8285. The VREF pin must have both a 0.1 μF
capacitor and a 1 μF capacitor connected in parallel to the analog
ground. These capacitor values are recommended for the ADC
to properly settle and acquire the next valid sample.
POWER AND GROUND RECOMMENDATIONS
When connecting power to the AD8285, it is recommended
that two separate 1.8 V supplies and two separate 3.3 V supplies
be used: one supply each for analog 1.8 V (AVDD18x), digital
1.8 V (DVDD18x), analog 3.3 V (AVDD33x), and digital 3.3 V
(DVDD33x). If only one supply is available for both analog and
digital, for example, AVDD18x and DVDD18x, route the supply
to the AVDD18x first and then tap off and isolate it with a ferrite
bead or a filter choke preceded by decoupling capacitors for the
DVDD18x. The same is true for the analog and digital 3.3 V
supplies.
Use several decoupling capacitors on all supplies to cover both
high and low frequencies. Locate these capacitors close to the
point of entry at the PCB level and close to the device, with
minimal trace lengths.
When using the AD8285, a single PCB ground plane is sufficient.
With proper decoupling and smart partitioning of the analog,
digital, and clock sections of the PCB, optimum performance
can be achieved easily.
EXPOSED PADDLE THERMAL HEAT SLUG
RECOMMENDATIONS
It is required that the exposed paddle on the underside of the
device be connected to a quiet analog ground to achieve the
best electrical and thermal performance of the AD8285. Mate
an exposed continuous copper plane on the PCB to the AD8285
exposed paddle, Pin 0. The copper plane must have several vias
to achieve the lowest possible resistive thermal path for heat
dissipation to flow through the bottom of the PCB. Fill or plug
these vias with nonconductive epoxy.
To maximize the coverage and adhesion between the device and
the PCB, partition the continuous copper pad by overlaying a
silkscreen or solder mask to divide the copper pad into several
uniform sections. Dividing the copper pad ensures several tie
points between the PCB and the EPAD during the reflow process.
Using one continuous plane with no partitions only guarantees
one tie point between the AD8285 and the PCB. For more detailed
information on packaging, and for more PCB layout examples,
see the AN-772 Application Note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com