Electronic Components Datasheet Search
  English  ▼

X  

AD8285 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8285
Description  Radar Receive Path AFE: 4-Channel LNA/PGA/AAF
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8285 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8285 Datasheet HTML 19Page - Analog Devices AD8285 Datasheet HTML 20Page - Analog Devices AD8285 Datasheet HTML 21Page - Analog Devices AD8285 Datasheet HTML 22Page - Analog Devices AD8285 Datasheet HTML 23Page - Analog Devices AD8285 Datasheet HTML 24Page - Analog Devices AD8285 Datasheet HTML 25Page - Analog Devices AD8285 Datasheet HTML 26Page - Analog Devices AD8285 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD8285
Data Sheet
Rev. B | Page 22 of 27
Table 9. Memory Map Register
Addr.
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Default
Notes/
Comments
Chip Configuration Registers
0x00
CHIP_PORT_CONFIG
0
LSB first,
1 = on,
0 = off,
(default)
Soft
reset,
1 = on,
0 = off
(default)
1
1
Soft
reset,
1 = on,
0 = off
(default)
LSB first,
1 = on,
0 = off
(default)
0
0x18
Mirror the
nibbles so
that LSB- or
MSB-first
mode is set
correct
regardless of
shift mode.
0x01
CHIP_ID
Chip ID, Bits[7:0]
(AD8285 = 0xA2, default)
Read
only
The default
value is the
chip ID
assigned to
the AD8285.
This is a read-
only register.
Device Index and Transfer Registers
0x05
DEVICE_INDEX
X
X
X
X
Data
Chan-
nel D,
1 = on
(def-
ault),
0 = off
Data
Chan-
nel C,
1 = on
(def-
ault),
0 = off
Data
Channel
B,
1 = on
(default),
0 = off
Data
Channel
A,
1 = on
(default),
0 = off
0x0F
Bits are set to
determine
which on-
chip device
receives the
next write
command.
0xFF
DEVICE_UPDATE
X
X
X
X
X
X
X
SW
transfer,
1 = on,
0 = off
(default)
0x00
Synchronously
transfers data
from the
master shift
register to the
slave.
Channel Functions Registers
0x04
FLEX_RES
X
X
X
X
X
X
Reserved
Reserved
0x0F
Reserved. Bits
must be set
to 0x00.
0x08
GLOBAL_MODES
X
X
X
X
X
X
Internal power-
down mode,
00 = chip run
(default),
01 = full power-
down,
11 = reset
0x00
Determines
the power-
down mode
(global).
0x09
GLOBAL_CLOCK
X
X
X
X
X
X
X
Duty
cycle
stabilizer,
1 = on
(default),
0 = off
0x01
Turns the
internal duty
cycle stabilizer
on and off
(global).
0x0C
FLEX_MUX_CONTROL
X
Power-
down of
unused
channels,
0 = PD
(power-
down;
default),
1 =
power-on
X
X
Mux input active channels,
0000 = A,
0001 = AUX,
0010 = A and B,
0011 = A and AUX,
0100 = A, B, and C,
0101 = A, B, and AUX,
0110 = A, B, C, and D,
0111 = A, B, C, and AUX
0x00
Selects the
mux input
channels to
use and
specifies
whether to
power down
unused
channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com