Electronic Components Datasheet Search
  English  ▼

X  

ADATE304 Datasheet(PDF) 6 Page - Analog Devices

Part # ADATE304
Description  200 MHz Dual Integrated DCL
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADATE304 Datasheet HTML 2Page - Analog Devices ADATE304 Datasheet HTML 3Page - Analog Devices ADATE304 Datasheet HTML 4Page - Analog Devices ADATE304 Datasheet HTML 5Page - Analog Devices ADATE304 Datasheet HTML 6Page - Analog Devices ADATE304 Datasheet HTML 7Page - Analog Devices ADATE304 Datasheet HTML 8Page - Analog Devices ADATE304 Datasheet HTML 9Page - Analog Devices ADATE304 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
ADATE304
Data Sheet
Rev. C | Page 6 of 51
Parameter
Min
Typ
Max
Unit
Test
Level
Test Conditions/Comments
Minimum Pulse Width
Toggle DATAxx
1.0 V Programmed Swing
1.7
ns
CB
VH = 1.0 V, VL = 0.0 V, terminated; timing error ± 75 ps
1.7
ns
CB
VH = 1.0 V, VL = 0.0 V, terminated; less than 10% amplitude
degradation
2.0 V Programmed Swing
2.0
ns
CB
VH = 2.0 V, VL = 0.0 V, terminated; timing error ± 75 ps
2.2
ns
CB
VH = 2.0 V, VL = 0.0 V, terminated; less than 10% amplitude
degradation
3.0 V Programmed Swing
2.7
ns
CB
VH = 3.0 V, VL = 0.0 V, terminated; timing error ± 75 ps
2.7
ns
CB
VH = 3.0 V, VL = 0.0 V, terminated; less than 10% amplitude
degradation
Maximum Toggle Rate
2.0 V Programmed Swing
200
MHz
CB
VH = 2.0 V, VH = 0.0 V, terminated, 10% amplitude degradation
Dynamic Performance, Drive
(VH to VL and VL to VH)
Toggle DATAxx
Propagation Delay Time
3.0
ns
CB
VH = 2.0 V, VL = 0.0 V, terminated
Propagation Delay Tempco
3.0
ps/°C
CT
VH = 2.0 V, VL = 0.0 V, terminated
Delay Matching
VH = 2.0 V, VL = 0.0 V, terminated
Edge to Edge
80
ps
CB
Rising vs. falling
Channel to Channel
30
ps
CB
Rising vs. rising, falling vs. falling
Delay Change vs. Duty Cycle
30
ps
CB
VH = 3.0 V, VL = 0.0 V, terminated; 5% to 95% duty cycle; 1 MHz
Overshoot and Undershoot
30
mV
CB
VH = 3.0 V, VL = 0.0 V, terminated
Settling Time (VH to VL)
Toggle DATAxx
To Within 3% of Final Value
4
ns
CB
VH = 3.0 V, VL = 0.0 V, terminated
To Within 1% of Final Value
25
ns
CB
VH = 3.0 V, VL = 0.0 V, terminated
Dynamic Performance, VT
(VH or VL to VT and VT to VH or VL)
Toggle RCVxx
Propagation Delay Time
3.7
ns
CB
VH = 3.0 V, VT = 1.5 V, VL = 0.0 V, terminated
Delay Matching, Edge to Edge
150
ps
CB
VH = 3.0 V, VT = 1.5 V, VL = 0.0 V, terminated; rising vs. falling
Propagation Delay Tempco
4.0
ps/°C
CT
VH = 3.0 V, VT = 1.5 V, VL = 0.0 V, terminated
Transition Time, Active to VT
and VT to Active
1.0
ns
CB
VH = 3.0 V, VT = 1.5 V, VL = 0.0 V, terminated; 20% to 80%
Dynamic Performance, Inhibit
(VH or VL to/from Inhibit)
Toggle RCVxx
Propagation Delay Time
VH = +1.0 V, VL = −1.0 V, terminated
Active to Inhibit
4.5
ns
CB
Inhibit to Active
7.9
ns
CB
Transition Time
VH =+1.0 V, VL = −1.0 V, terminated; 20% to 80%
Active to Inhibit
2.9
ns
CB
Inhibit to Active
0.65
ns
CB
I/O Spike
190
mV
CB
VH = 0.0 V, VL = 0.0 V, terminated
1
The xP pins include DATA0P, DATA1P, RCV0P, and RCV1P; the xN pins include DATA0N, DATA1N, RCV0N, and RCV1N. For example, push 6 mA into the DATA0P pin,
force 1.3 V into DATA0N, and measure the voltage from DATA0P to DATA0N.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com