Electronic Components Datasheet Search
  English  ▼

X  

ADATE304 Datasheet(PDF) 1 Page - Analog Devices

Part # ADATE304
Description  200 MHz Dual Integrated DCL
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304 Datasheet(HTML) 1 Page - Analog Devices

  ADATE304 Datasheet HTML 1Page - Analog Devices ADATE304 Datasheet HTML 2Page - Analog Devices ADATE304 Datasheet HTML 3Page - Analog Devices ADATE304 Datasheet HTML 4Page - Analog Devices ADATE304 Datasheet HTML 5Page - Analog Devices ADATE304 Datasheet HTML 6Page - Analog Devices ADATE304 Datasheet HTML 7Page - Analog Devices ADATE304 Datasheet HTML 8Page - Analog Devices ADATE304 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
200 MHz Dual Integrated DCL with Level
Setting DACs, Per Pin PMU, and Per Chip VHH
Data Sheet
ADATE304
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Driver
3-level driver with high-Z mode and built-in clamps
Precision trimmed output resistance
Low leakage mode (typically <10 nA)
Voltage range: −2.0 V to +6.0 V or −1.25 V to +6.75 V
2.4 ns minimum pulse width, 2 V terminated
Comparator
Window and differential comparator
500 MHz input equivalent bandwidth
Load
±12 mA maximum current capability
Per pin PMU
Force voltage range: −2.0 V to +6.0 V or −1.25 V to +6.75 V
5 current ranges: 32 mA, 2 mA, 200 µA, 20 µA, 2 µA
Levels
14-bit DAC for DCL levels
Typically < ±5 mV INL (calibrated)
16-bit DAC for PMU levels
Typically < ±1.5 mV INL (calibrated) linearity in FV mode
HVOUT output buffer
0 V to 13.5 V output range
84-lead, 9 mm × 9 mm, CSP_BGA package
900 mW per channel with no load
APPLICATIONS
Automatic test equipment
Semiconductor test systems
Board test systems
Instrumentation and characterization equipment
GENERAL DESCRIPTION
The ADATE304 is a complete, single-chip solution that performs
the pin electronic functions of the driver, the comparator, and
the active load (DCL), per pin PMU, and dc levels for ATE appli-
cations. The device also contains an HVOUT driver with a VHH
buffer capable of generating up to 13.5 V.
The driver features three active states: data high mode, data low
mode, and term mode, as well as an inhibit state. The inhibit
state, in conjunction with the integrated dynamic clamp, facili-
tates the implementation of a high speed active termination.
The ADATE304 supports two output voltage ranges: −2.0 V to
+6.0 V and −1.25 V to +6.75 V by adjusting the positive and
negative supply voltages.
Each channel of the ADATE304 features a high speed window
comparator per pin for functional testing, as well as a per pin
PMU with FV, or FI and MV, or MI functions. All necessary dc
levels for DCL functions are generated by on-chip 14-bit DACs.
The per pin PMU features an on-chip 16-bit DAC for high
accuracy and contains integrated range resistors to minimize
external component counts.
The ADATE304 uses a serial bus to program all functional blocks
and has an on-board temperature sensor for monitoring the
device temperature.


Similar Part No. - ADATE304

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADATE304 AD-ADATE304 Datasheet
1Mb / 52P
200 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
REV. 0
ADATE304BBCZ AD-ADATE304BBCZ Datasheet
1Mb / 52P
200 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
REV. 0
More results

Similar Description - ADATE304

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADATE205 AD-ADATE205 Datasheet
389Kb / 16P
250 MHz Dual DCL
1/06-Revision 0
ADATE206 AD-ADATE206 Datasheet
315Kb / 16P
500 MHz Dual DCL
1/06- Revision 0
ADATE302-02 AD-ADATE302-02 Datasheet
1Mb / 52P
500 MHz Dual Integrated DCL with Differential Drive/Receive, Level Setting DACs, and Per Pin PMU
REV. 0
ADATE304 AD-ADATE304 Datasheet
1Mb / 52P
200 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
REV. 0
ADATE318 AD-ADATE318 Datasheet
1Mb / 80P
600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
REV. 0
ADATE205 AD-ADATE205_15 Datasheet
347Kb / 16P
250 MHz Dual DCL
REV. A
ADATE206 AD-ADATE206_15 Datasheet
348Kb / 16P
500 MHz Dual DCL
REV. A
ADATE302-02 AD-ADATE302-02_17 Datasheet
1Mb / 59P
500 MHz Dual Integrated DCL
23-Feb-2017
ADATE318 AD-ADATE318_17 Datasheet
1Mb / 81P
600 MHz Dual Integrated DCL
27-Jul-2017
ADATE320 AD-ADATE320 Datasheet
2Mb / 83P
1.25 GHz Dual Integrated DCL
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com