Electronic Components Datasheet Search
  English  ▼

X  

ADATE304 Datasheet(PDF) 19 Page - Analog Devices

Part # ADATE304
Description  200 MHz Dual Integrated DCL
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADATE304 Datasheet HTML 15Page - Analog Devices ADATE304 Datasheet HTML 16Page - Analog Devices ADATE304 Datasheet HTML 17Page - Analog Devices ADATE304 Datasheet HTML 18Page - Analog Devices ADATE304 Datasheet HTML 19Page - Analog Devices ADATE304 Datasheet HTML 20Page - Analog Devices ADATE304 Datasheet HTML 21Page - Analog Devices ADATE304 Datasheet HTML 22Page - Analog Devices ADATE304 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
Data Sheet
ADATE304
Rev. C | Page 19 of 51
ABSOLUTE MAXIMUM RATINGS
Table 14.
Parameter
Rating
Supply Voltages
Positive Supply Voltage (VDD to GND)
−0.5 V to +11.5 V
Positive VCC Supply Voltage (VCC to GND)
−0.5 V to +4.0 V
Negative Supply Voltage (VSS to GND)
−6.25 V to +0.5 V
Supply Voltage Difference (VDD to VSS)
−1.0 V to +16.5 V
Reference Ground (DUTGND to GND)
−0.5 V to +0.5 V
AGND to DGND
−0.5 V to +0.5 V
VPLUS Supply Voltage (VPLUS to GND)
−0.5 V to +17.5 V
Input Voltages
Input Common-Mode Voltage
VSS to VDD
Short-Circuit Voltage1
−3.0 V to +8.0 V
High Speed Input Voltage2
0.0 V to VCC
High Speed Differential Input Voltage3
0.0 V to VCC
VREF
−0.5 V to +5.5 V
DUTx I/O Pin Current
DCL Maximum Short-Circuit Current4
±140 mA
Temperature
Operating Temperature, Junction
125°C
Storage Temperature Range
−65°C to +150°C
1 RL = 0 Ω, VDUT continuous short-circuit condition (VH, VL, VT, high-Z, VCOM,
clamp modes).
2 DATAxP, DATAxN, RCVxP, RCVxN, under source RL = 0 Ω.
3 DATAxP to DATAxN, RCVxP, RCVxN.
4 RL = 0 Ω, VDUTx = –3 V to +8 V; DCL current limit. Continuous short-circuit
condition. ADATE304 must current limit and survive continuous short circuit.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Table 15. Thermal Resistance
Package Type
θJA
θJC
84-Ball CSP_BGA
31.1
0.51
EXPLANATION OF TEST LEVELS
D
Definition
S
Design verification simulation
P
100% production tested
PF
Functionally checked during production test
CT
Characterized on tester
CB
Characterized on bench
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com