Electronic Components Datasheet Search
  English  ▼

X  

ADATE304 Datasheet(PDF) 7 Page - Analog Devices

Part # ADATE304
Description  200 MHz Dual Integrated DCL
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADATE304 Datasheet HTML 3Page - Analog Devices ADATE304 Datasheet HTML 4Page - Analog Devices ADATE304 Datasheet HTML 5Page - Analog Devices ADATE304 Datasheet HTML 6Page - Analog Devices ADATE304 Datasheet HTML 7Page - Analog Devices ADATE304 Datasheet HTML 8Page - Analog Devices ADATE304 Datasheet HTML 9Page - Analog Devices ADATE304 Datasheet HTML 10Page - Analog Devices ADATE304 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
Data Sheet
ADATE304
Rev. C | Page 7 of 51
REFLECTION CLAMP
Clamp accuracy specifications apply when VCH > VCL.
Table 3.
Parameter
Min
Typ
Max
Unit
Test
Level
Test Conditions/Comments
VCH
Range
−1.0
+6.75
V
D
Uncalibrated Accuracy
−200
±50
+200
mV
P
Driver high-Z, sinking 1 mA; VCH error measured at the
calibration points of 0.0 V and 5.0 V
Resolution
0.6
0.75
mV
PF
Driver high-Z, sinking 1 mA; after two-point gain/offset
calibration; range/number of DAC bits as measured at
the calibration points of 0.0 V and 5.0 V
DNL
±1
mV
CT
Driver high-Z, sinking 1 mA; after two-point gain/offset
calibration
INL
−40
±2
+40
mV
P
Driver high-Z, sinking 1 mA; after two-point gain/offset
calibration; measured over VCH range of −1.0 V to +6.75 V
Tempco
−0.3
mV/°C
CT
Measured at calibration points
VCL
Range
−1.25
+5.75
V
D
Uncalibrated Accuracy
−200
±50
+200
mV
P
Driver high-Z, sourcing 1 mA; VCL error measured at the
calibration points of 0.0 V and 5.0 V
Resolution
0.6
0.75
mV
PF
Driver high-Z, sourcing 1 mA; after two-point gain/offset
calibration; range/number of DAC bits as measured at
the calibration points of 0.0 V and 5.0 V
DNL
±1
mV
CT
Driver high-Z, sourcing 1 mA; after two-point gain/offset
calibration
INL
−40
±2
+40
mV
P
Driver high-Z, sourcing 1 mA; after two-point gain/offset
calibration; measured over VCL range of −1.0 V to +5.75 V
Tempco
0.5
mV/°C
CT
Measured at calibration points
DC CLAMP CURRENT LIMIT
VCH
−120
−85
−60
mA
P
Driver high-Z, VCH = 0 V, VCL = −1.0 V, VDUTx = +5 V
VCL
60
85
120
mA
P
Driver high-Z, VCH = 6.75 V, VCL = 5.0 V, VDUTx = 0.0 V
DUTGND VOLTAGE ACCURACY
−7
±1
+7
mV
P
Over ±0.1 V range; measured at the endpoints of VCH
and VCL functional range
NORMAL WINDOW COMPARATOR
VOH tests done with VOL = −1.25 V; VOL tests done with VOH = +6.75 V, unless otherwise specified.
Table 4.
Parameter
Min
Typ
Max
Unit
Test
Level
Test Conditions/Comments
DC SPECIFICATIONS
Input Voltage Range
−1.25
+6.75
V
D
Differential Voltage Range
±0.1
±8.0
V
D
Comparator Input Offset Voltage
Accuracy, Uncalibrated
−150
±30
+150
mV
P
Offset measured at the calibration points
of 0.0 V and 5.0 V
Comparator Threshold Resolution
0.6
1
mV
PF
After two-point gain/offset calibration;
range/number of DAC bits as measured at
the calibration points of 0 V and 5 V
Comparator Threshold DNL
±1
mV
CT
After two-point gain/offset calibration
Comparator Threshold INL
−7
±1.3
+7
mV
P
After two-point gain/offset calibration;
measured over VOH, VOL range of −1.25 V
to +6.75 V
Comparator Input Offset Voltage
Tempco
±100
µV/°C
CT
Measured at calibration points
DUTGND Voltage Accuracy
−7
±0.5
+7
mV
P
Over ±0.1 V range; measured at endpoints
of VOH and VOL functional range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com