Electronic Components Datasheet Search
  English  ▼

X  

ADATE320KCPZ Datasheet(PDF) 39 Page - Analog Devices

Part # ADATE320KCPZ
Description  1.25 GHz Dual Integrated DCL
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320KCPZ Datasheet(HTML) 39 Page - Analog Devices

Back Button ADATE320KCPZ Datasheet HTML 35Page - Analog Devices ADATE320KCPZ Datasheet HTML 36Page - Analog Devices ADATE320KCPZ Datasheet HTML 37Page - Analog Devices ADATE320KCPZ Datasheet HTML 38Page - Analog Devices ADATE320KCPZ Datasheet HTML 39Page - Analog Devices ADATE320KCPZ Datasheet HTML 40Page - Analog Devices ADATE320KCPZ Datasheet HTML 41Page - Analog Devices ADATE320KCPZ Datasheet HTML 42Page - Analog Devices ADATE320KCPZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 83 page
background image
ADATE320
Data Sheet
Rev. B | Page 38 of 82
PULSE WIDTH (ns)
–50
–30
–10
10
30
50
0.4
9.4
8.4
7.4
6.4
5.4
4.4
3.4
2.4
1.4
NEGATIVE PULSE
POSITIVE PULSE
Figure 57. Normal Window Comparator Pulse Width (Positive/Negative)
Trailing Edge Timing Error, 1.0 V Input Swing
TIME (ns)
–0.2
1.2
1.0
0.8
0.6
0.4
0.2
0
12
34
56
7
8
ERT RISE
INPUT EDGE RISE
Figure 58. Normal Window Comparator Equivalent Rise Time (ERT), 1.0 V
Input Swing, 50 ps 20% to 80%; 50 Ω Terminated
TIME (ns)
–0.2
1.2
1.0
0.8
0.6
0.4
0.2
0
12
34
56
7
8
ERT FALL
INPUT EDGE FALL
Figure 59. Normal Window Comparator Equivalent Fall Time (EFT), 1.0 V
Input Swing, 50 ps 20% to 80%; 50 Ω Terminated
200mV/DIV
200ps/DIV
M1
Figure 60. Normal Window Comparator Eye Diagram, 800 Mbps, PRBS31,
1.0 V Input Swing; 50 Ω Terminated
200mV/DIV
100ps/DIV
M1
Figure 61. Normal Window Comparator Eye Diagram, 2.5 Gbps, PRBS31,
1.0 V Input Swing; 50 Ω Terminated
200mV/DIV
50ps/DIV
M1
Figure 62. Normal Window Comparator Eye Diagram, 4.0 Gbps, PRBS31,
1.0 V Input Swing; 50 Ω Terminated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com