Electronic Components Datasheet Search
  English  ▼

X  

ADATE320KCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADATE320KCPZ
Description  1.25 GHz Dual Integrated DCL
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320KCPZ Datasheet(HTML) 5 Page - Analog Devices

  ADATE320KCPZ Datasheet HTML 1Page - Analog Devices ADATE320KCPZ Datasheet HTML 2Page - Analog Devices ADATE320KCPZ Datasheet HTML 3Page - Analog Devices ADATE320KCPZ Datasheet HTML 4Page - Analog Devices ADATE320KCPZ Datasheet HTML 5Page - Analog Devices ADATE320KCPZ Datasheet HTML 6Page - Analog Devices ADATE320KCPZ Datasheet HTML 7Page - Analog Devices ADATE320KCPZ Datasheet HTML 8Page - Analog Devices ADATE320KCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 83 page
background image
ADATE320
Data Sheet
Rev. B | Page 4 of 82
SPECIFICATIONS
VCC = 8.0 V, VDD = 1.8 V, VEE = −5.0 V, VTTCx = VTTDx = 1.2 V, VREF = 2.500 V, VREFGND = 0.000 V. All default test conditions are as defined in
Table 30. All specified values are at TJ = 60°C, where TJ corresponds to the typical internal temperature sensor reading (VTHERM pin), unless
otherwise noted. Temperature coefficients are measured around TJ = 40°C, 60°C, 80°C, and 100°C. Typical values are based on the
statistical mean of the design, simulation analyses, and/or limited bench evaluation data. Typical values are neither tested nor guaranteed.
Test level codes are defined in the Explanation of Test Levels section.
ELECTRICAL SPECIFICATIONS
Table 1.
Parameter
Min
Typ
Max
Unit
Test Level
Test Conditions/Comments
DUTx PIN CHARACTERISTICS
Output Leakage Current
DCL Disable
PPMU Range E
−10.0
+5.0
+10.0
nA
P
−1.5 V < VDUTx < +4.5 V, PPMU and DCL disabled, PPMU
Range E, VCLx = −2.5 V, VCHx = +7.5 V
PPMU Range A to
Range D
5.0
nA
CT
−1.5 V < VDUTx < +4.5V, PPMU and DCL disabled, PPMU Range A,
Range B, Range C, and Range D, VCLx = −2.5V, VCHx = +7.5 V
Driver High-Z Mode
−0.4
+0.4
µA
P
−1.5 V < VDUTx < +4.5 V, PPMU disabled and DCL enabled,
RCV active, VCLx = −2.5 V, VCHx = +7.5 V
Capacitance
0.4
pF
S
Drive VITx = 0.0 V
Voltage Range
−1.5
+4.5
V
D
POWER SUPPLIES
Power measured with the DUTx pin high-Z, 10 K to 0.0 V
Positive DCL Supply, VCC
7.6
8.0
8.4
V
D
Defines dc power supply rejection (PSR) conditions
Negative DCL Supply, VEE
−5.25
−5.0
−4.75
V
D
Defines dc PSR conditions
Digital Supply, VDD
1.7
1.8
1.9
V
D
Comparator Termination,
VTTCx
0.5
1.2
1.8
V
D
VTTC0 is not electrically connected to VTTC1
Driver Termination, VTTDx
0.0
1.2
1.8
V
D
VTTD0 is not electrically connected to VTTD1
Positive DCL Supply
Current, ICC
Load and PPMU power-down
ADATE320
145
169
185
mA
P
ADATE320-1
145
169
185
mA
P
Negative DCL Supply
Current, IEE
Load and PPMU power-down
ADATE320
190
222
235
mA
P
ADATE320-1
220
247
265
mA
P
Digital Core Supply
Current, IDD
−125
+10
+125
μA
P
Quiescent (SPI is static)
Comparator Termination
Supply Current, VTTCx
0.5 V ≤ VTTCx ≤ 1.8 V
ADATE320
41
mA
CT
ADATE320-1
66
mA
CT
Driver Termination Supply
Current, VTTDx
0
mA
CT
0.0 V ≤ VTTDx ≤ 1.8 V, (DATx + DATx)/2 = (RCVx + RCVx)/2 = VTTDx
Total Power Dissipation
Load and PPMU power-down
ADATE320
2.10
2.52
2.75
W
P
ADATE320-1
2.25
2.66
2.90
W
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com