Electronic Components Datasheet Search
  English  ▼

X  

ADATE320KCPZ Datasheet(PDF) 83 Page - Analog Devices

Part # ADATE320KCPZ
Description  1.25 GHz Dual Integrated DCL
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320KCPZ Datasheet(HTML) 83 Page - Analog Devices

Back Button ADATE320KCPZ Datasheet HTML 75Page - Analog Devices ADATE320KCPZ Datasheet HTML 76Page - Analog Devices ADATE320KCPZ Datasheet HTML 77Page - Analog Devices ADATE320KCPZ Datasheet HTML 78Page - Analog Devices ADATE320KCPZ Datasheet HTML 79Page - Analog Devices ADATE320KCPZ Datasheet HTML 80Page - Analog Devices ADATE320KCPZ Datasheet HTML 81Page - Analog Devices ADATE320KCPZ Datasheet HTML 82Page - Analog Devices ADATE320KCPZ Datasheet HTML 83Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 83 / 83 page
background image
ADATE320
Data Sheet
Rev. B | Page 82 of 82
OUTLINE DIMENSIONS
1
21
63
43
22
42
84
64
0.60
0.50
0.40
0.60
0.42
0.24
0.60
0.42
0.24
0.30
0.23
0.18
8.00 REF
6.85
6.75 SQ
6.65
0.40
BSC
0.20 REF
12° MAX
0.05 MAX
0.01 NOM
SEATING
PLANE
0.70
0.60
0.50
TOP VIEW
PIN 1
INDICATOR
1.00
0.85
0.80
0.70
0.65
0.60
BOTTOM VIEW
NOTES:
1. FOR PROPER CONNECTION OF THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
2. TIEBARS MAY OR MAY NOT BE SOLDERED TO THE BOARD.
0.93
0.83
0.73
0.97
(SEE NOTE 2)
0.25
(SEE NOTE 2)
EXPOSED PAD
(SEE NOTE 1)
10.10
10.00 SQ
9.90
9.85
9.75 SQ
9.65
COPLANARITY
0.08
Figure 155. 84-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
10 mm × 10 mm Body, Very Thin Quad
(CP-84-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADATE320KCPZ
25°C to 75°C
84-Lead LFCSP_VQ with Exposed Pad (Tray)
CP-84-2
ADATE320-1KCPZ
25°C to 75°C
84-Lead LFCSP_VQ with Exposed Pad (Tray)
CP-84-2
1
Z = RoHS Compliant Part.
©2015–2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D12160-0-9/16(B)
www.analog.com/ADATE320



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com