Electronic Components Datasheet Search
  English  ▼

X  

ADATE320KCPZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADATE320KCPZ
Description  1.25 GHz Dual Integrated DCL
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320KCPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADATE320KCPZ Datasheet HTML 8Page - Analog Devices ADATE320KCPZ Datasheet HTML 9Page - Analog Devices ADATE320KCPZ Datasheet HTML 10Page - Analog Devices ADATE320KCPZ Datasheet HTML 11Page - Analog Devices ADATE320KCPZ Datasheet HTML 12Page - Analog Devices ADATE320KCPZ Datasheet HTML 13Page - Analog Devices ADATE320KCPZ Datasheet HTML 14Page - Analog Devices ADATE320KCPZ Datasheet HTML 15Page - Analog Devices ADATE320KCPZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 83 page
background image
Data Sheet
ADATE320
Rev. B | Page 11 of 82
Parameter
Min
Typ
Max
Unit
Test
Level
Test Conditions/Comments
Duty Cycle: 5% to 95%
5
ps
CB
VDUT1 = −0.5 V to +0.5 V swing, 32 MHz, comparator
threshold = 0.0 V
Minimum Detectable Pulse
Width
200
ps
CB
VDUT0 = 0.0 V, VDUT1 = −0.5 V to +0.5 V swing, 32 MHz, drive
term mode, VIT = 0.0 V, comparator threshold = 0.0 V,
greater than 50% output differential amplitude, repeat
with VDUTx inputs reversed
Input Equivalent Rise/Fall Time
110
ps
CB
VDUT0 = 0.0 V, VDUT1 = −0.5 V to +0.5 V swing, drive term mode,
VIT = 0.0 V, comparator threshold = 0.0 V, CLC = ¼ scale,
measured from digitized plot, t = √(tCMP2 − tIN2)
Cable Loss Compensation (CLC)
VDUT0 = 0.0 V, VDUT1 = −0.8 V to +0.8 V swing, drive term
mode, VIT = 0.0 V, comparator threshold = 0.0 V,
comparator CLC set to maximum CLC setting, repeat with
VDUTx inputs reversed
CLC Amplitude
20
%
CB
CLC Resolution
3
Bits
D
CLC Time Constant 1
280
ps
S
CLC Time Constant 2
4.8
ns
S
ACTIVE LOAD SPECIFICATIONS
Table 6.
Parameter
Min
Typ
Max
Unit
Test
Level
Test Conditions/Comments
DC SPECIFICATIONS
Load in active on state, RCVx active
Input Characteristics
Active Load Commutation
Voltage (VCOMx) Range
−1.5
+4.5
V
D
IOHx = IOLx = 1 mA, VDUTx open circuit
VCOMx Offset
−200
+200
mV
P
Measured at DAC Code 0x4000 (0.0 V), uncalibrated
VCOMx Offset TC
±100
µV/°C
CT
VCOMx Gain
1.0
1.1
V/V
P
Gain derived from measurements at DAC Code 0x4000
(0.0 V) and DAC Code 0x8CCC (3.0 V)
VCOMx Gain TC
±20
ppm/°C
CT
VCOMx Resolution
153
µV
D
VCOMx DNL
±250
µV
CT
IOHx = IOLx = 12.5 mA, after two-point gain/offset
calibration; measured over VCOMx range −1.5 V to
+4.5 V; calibration points DAC Code 0x4000 (0.0 V)
and DAC Code 0x8CCC (3.0 V)
VCOMx INL
IOHx = IOLx = 12.5 mA; after two-point gain/offset
calibration; calibration points DAC Code 0x4000
(0.0 V) and DAC Code 0x8CCC (3.0 V)
Focused Range
−5
+5
mV
P
Measured over VCOMx range of −0.5 V to +3.5 V
Full Range
−10
+10
mV
P
Measured over VCOMx range of −1.5 V to +4.5 V
DUTGND Voltage Accuracy
−5
±1
+5
mV
P
Over ±0.1 V range; measured over −0.5 V to +3.5 V
focused VCOMx range
Output Characteristics
Maximum Source Current
(IOLx)
25
mA
D
VDUTx ≤ 3.5 V (a compliance limit is set by a 50 Ω
internal resistor as illustrated in Figure 142)
IOLx Offset
−600
+600
µA
P
IOHx = −2.5 mA, VCOMx = 1.5 V, VDUTx = 0.0 V; offset
extrapolated from measurements at DAC Code 0x451F
(1 mA) and DAC Code 0xA666 (20 mA)
IOLx Offset TC
±1
µA/°C
CT
IOLx Gain Error
0
+25
%
P
IOHx = −2.5 mA, VCOMx = 1.5 V, VDUTx = 0.0 V; gain
derived from measurements at DAC Code 0x451F
(1 mA) and DAC Code 0xA666 (20 mA); based on an
ideal dc transfer function
IOLx Gain TC
±100
ppm/°C
CT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com