Electronic Components Datasheet Search
  English  ▼

X  

LF6197 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF6197
Description  160 ns Monolithic Sample-and-Hold Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF6197 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LF6197 Datasheet HTML 1Page - National Semiconductor (TI) LF6197 Datasheet HTML 2Page - National Semiconductor (TI) LF6197 Datasheet HTML 3Page - National Semiconductor (TI) LF6197 Datasheet HTML 4Page - National Semiconductor (TI) LF6197 Datasheet HTML 5Page - National Semiconductor (TI) LF6197 Datasheet HTML 6Page - National Semiconductor (TI) LF6197 Datasheet HTML 7Page - National Semiconductor (TI) LF6197 Datasheet HTML 8Page - National Semiconductor (TI) LF6197 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Electrical Characteristics (Continued)
Unless otherwise specified the following specifications apply for Va ea15V Vb eb15V b12V s VIN s a12V
RL l 1kX CL s 40 pF Logic Reference 2 (LR2) voltage e 0V and Logic Input Voltage k 14V threshold (Unit is in ‘‘sample’’
mode) VS refers to the supply voltages Va and Vb Boldface limits apply for TA e TJ from TMIN to TMAX all other limits
TA e TJ e 25 C
Symbol
Parameter
Conditions
Typical
Limit
Units
(Note 6)
(Note 7)
(Limit)
SAMPLEHOLD CHARACTERISTICS
tACQ
Acquisition Time
to 01% (Note 10)
10V step
130
ns
to 001% (Note 10)
a
10V step
145
240
ns (max)
260
ns (max)
b
10V step
160
240
ns (max)
260
ns (max)
tAD
Aperture Delay Time
4
ns
tAJ
Aperture Jitter
8
psrms
Droop Rate
06
10
m
V ms (max)
VHS
Hold Step (Note 11)
g
10
mV (max)
tHMS
Hold Mode Settling Time to 001%
10V step
50
ns
Feedthrough Attenuation (Note 12)
f e 1 kHz VIN e 20 Vp-p
83
80
dB (min)
f e 100 kHz VIN e 20 Vp-p
77
dB
DYNAMIC CHARACTERISTICS
THD
Total Harmonic Distortion
f e 10 kHz VIN e 20 Vp-p
b
83
dB
f e 150 kHz VIN e 20 Vp-p
b
78
dB
FPBW
Full Power Bandwidth (Note 13)
VIN e 20 Vp–p
23
MHz
Small Signal Bandwidth
25
MHz
DIGITAL LOGIC CHARACTERISTICS
VIN(1)
Logical ‘‘1’’ Input Voltage
20
V (min)
VIN(0)
Logical ‘‘0’’ Input Voltage
08
V (max)
Logic Input Current
6
20
m
A (max)
Logic Reference 2 Input Current
3
5
m
A (max)
Differential Logic Threshold
14
11
V(min)
(Logic Input to LR1)
16
V(max)
POWER SUPPLY CHARACTERISTICS
ISa
Positive Supply Current
20
30
mA (max)
ISa
Positive Supply Current
VS e g5V (Note 8)
182
27
mA (max)
ISb
Negative Supply Current
20
30
mA (max)
ISb
Negative Supply Current
VS e g5V (Note 8)
175
27
mA (max)
PSRR
Power Supply Rejection Ratio
VS e g12V to g16V
84
74
dB (min)
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com