Electronic Components Datasheet Search
  English  ▼

X  

LF6197 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF6197
Description  160 ns Monolithic Sample-and-Hold Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF6197 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LF6197 Datasheet HTML 4Page - National Semiconductor (TI) LF6197 Datasheet HTML 5Page - National Semiconductor (TI) LF6197 Datasheet HTML 6Page - National Semiconductor (TI) LF6197 Datasheet HTML 7Page - National Semiconductor (TI) LF6197 Datasheet HTML 8Page - National Semiconductor (TI) LF6197 Datasheet HTML 9Page - National Semiconductor (TI) LF6197 Datasheet HTML 10Page - National Semiconductor (TI) LF6197 Datasheet HTML 11Page - National Semiconductor (TI) LF6197 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Functional Description
The LF6197 uses a proprietary ‘‘current-multiplexed sam-
ple-and-hold’’ technique as depicted in the simplified block
diagram
(Figure 2) The amplifier consists of two transcon-
ductance input stages gm1 and gm2 and a common gain and
output buffer stage A3 In the sample mode internal current
switching is employed to connect the input stage gm1 to the
common output stage A3 while input stage gm2 is discon-
nected Additionally switches S2 and S3 are closed there-
by shorting the internal dummy capacitor and connecting
one end of the hold capacitor to a low impedance ground
Although the simplified schematic shows the switches S1
and S2 connected to ground the switches are in fact con-
nected to a reference potential which appears as a common
mode voltage at the two inputs of gm2
For unity gain the inverting input of gm1 is externally con-
nected to the output through a resistor thus closing the loop
around the amplifier Conventional op-amp feedback topolo-
gies may be employed to configure the amplifier for invert-
ing and non-inverting gains In the sample mode a current
booster in the output stage rapidly charges the hold capaci-
tor A wide-bandwidth amplifier high-current output stage
and fast current-switched hold-to-sample mode selection al-
lows for a slew rate of 145 V ms and acquisition time of
under 200 ns
When there is a change to the Hold mode switches S2 and
S3 are quickly opened and switch S1 is effectively connect-
ed to the output of gm2 while input stage gm1 is disconnect-
ed The composite amplifier is now comprised of gm2 and
A3 and the loop around the amplifier is closed by the hold
capacitor Note that the opening of switch S3 causes
charge injection into the hold capacitor However an equal
amount of charge is injected into the dummy capacitor due
to the opening of a matched switch S2 The net effect is a
differential cancellation of charge and thus the pedestal er-
ror (hold step) is greatly reduced Meanwhile excellent
feedthrough attenuation is achieved because the input sig-
nal is isolated from the output by the inactive input stage
gm1
TLH11381 – 5
FIGURE 2 Simplified Block Diagram of LF6197 Sample-and-Hold Amplifier Connected for Unity Gain and TTL Logic
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com