Electronic Components Datasheet Search
  English  ▼

X  

LT3150 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3150
Description  Fast Transient Response, Low Input Voltage, Very Low Dropout Linear Regulator Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3150 Datasheet(HTML) 1 Page - Linear Technology

  LT3150 Datasheet HTML 1Page - Linear Technology LT3150 Datasheet HTML 2Page - Linear Technology LT3150 Datasheet HTML 3Page - Linear Technology LT3150 Datasheet HTML 4Page - Linear Technology LT3150 Datasheet HTML 5Page - Linear Technology LT3150 Datasheet HTML 6Page - Linear Technology LT3150 Datasheet HTML 7Page - Linear Technology LT3150 Datasheet HTML 8Page - Linear Technology LT3150 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT3150
3150f
Fast Transient Response,
Low Input Voltage, Very Low Dropout
Linear Regulator Controller
1.8V to 1.5V, 4A Very Low Dropout Linear Regulator
(Typical Dropout Voltage = 65mV at IOUT = 4A)
50mV/DIV
2A/DIV
20
µs/DIV
3150 TA02
Transient Response for
0.1A to 4A Output Load Step
s
Microprocessor, ASIC and I/O Supplies
s
Very Low Dropout Input-to-Output Conversion
s
Logic Termination Supplies
s
Fast Transient Response Optimized with
Ceramic Output Capacitors
s
FET RDS(ON) Defines Dropout Voltage
s
±1% Reference Tolerance Over Temperature
s
Multifunction LDO Shutdown Pin with Latchoff
s
Fixed Frequency 1.4MHz Boost Converter Generates
MOSFET Gate Drive
s
Internally Compensated Boost Converter Uses Tiny
Capacitors and Inductor
s
Independent Boost Converter Shutdown Control
Permits LDO Output Voltage Supply Sequencing
s
16-Lead SSOP Package
The LT
®3150 drives a low cost external N-channel MOSFET
as a source follower to produce a fast transient response,
very low dropout voltage linear regulator. Selection of the
N-channel MOSFET RDS(ON) allowsdropoutvoltagesbelow
300mV for low VIN to low VOUT applications.
The LT3150 includes a fixed frequency boost regulator
that generates gate drive for the N-channel MOSFET. The
internally compensated current mode PWM architecture
combined with the 1.4MHz switching frequency permits
the use of tiny, low cost capacitors and inductors.
The LT3150’s transient load performance is optimized
with ceramic output capacitors. A precision 1.21V refer-
ence accommodates low voltage supplies.
Protection includes a high side current limit amplifier that
activates a fault timer circuit. A multifunction shutdown
pin provides either current limit time-out with latchoff,
overvoltage protection or thermal shutdown. Independent
shutdown control of the boost converter provides on/off
and sequencing control of the LDO output voltage.
+
VIN2
FB1
SHDN2
SWGND
GND
GND
SW
VIN1
SHDN1
IPOS
INEG
GATE
FB2
COMP
LT3150
MBR0520L
L1
10
µH
1.5k
CIN: PANASONIC SP SERIES EEFUE0E221R 20%
C1: AVX TAJA475M020R 20V 20%
L1: MURATA LQH32CN100K11 OR SUMIDA CDRH3D16100
243
Ω
1%
1020
Ω
1%
C1
4.7
µF
+
CIN
220
µF
2.5V
×2
VIN
1.8V
VOUT
1.5V
4A
6.19k
1%
1.37k
1%
Si4410
3150 TA01
2.2
µF ×10
X5R CERAMIC
0805 CASE
5.1
Ω
6800pF
50pF
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LT3150

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3150 LINER-LT3150 Datasheet
192Kb / 16P
100mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Linear Dimensions Semic...
LT3150 LINEAR_DIMENSIONS-LT3150 Datasheet
195Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Linear Technology
LT3150 LINER-LT3150_15 Datasheet
264Kb / 20P
Fast Transient Response, Low Input Voltage, Very Low Dropout Linear Regulator Controller
More results

Similar Description - LT3150

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38511-ADJ NSC-LP38511-ADJ Datasheet
403Kb / 14P
800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38512-ADJ NSC-LP38512-ADJ Datasheet
388Kb / 14P
1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38513-ADJ NSC-LP38513-ADJ Datasheet
382Kb / 12P
3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Monolithic Power System...
MP2040 MPS-MP2040 Datasheet
383Kb / 12P
Fast Transient Response, 3A Dual Supply Very Low Dropout Linear Regulator
logo
Linear Technology
LT3150 LINER-LT3150_15 Datasheet
264Kb / 20P
Fast Transient Response, Low Input Voltage, Very Low Dropout Linear Regulator Controller
logo
ON Semiconductor
NCP59152 ONSEMI-NCP59152 Datasheet
168Kb / 11P
Very Low-Dropout Fast Transient Response Regulator
May, 2014 ??Rev. 27
logo
Texas Instruments
LP38511-ADJ TI1-LP38511-ADJ_16 Datasheet
1Mb / 23P
800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38512-ADJ TI1-LP38512-ADJ Datasheet
1Mb / 24P
1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38513-ADJ TI1-LP38513-ADJ Datasheet
1Mb / 18P
3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
ON Semiconductor
NCP58300 ONSEMI-NCP58300_13 Datasheet
146Kb / 12P
Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com