Electronic Components Datasheet Search
  English  ▼

X  

LT3150 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3150
Description  Fast Transient Response, Low Input Voltage, Very Low Dropout Linear Regulator Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3150 Datasheet(HTML) 3 Page - Linear Technology

  LT3150 Datasheet HTML 1Page - Linear Technology LT3150 Datasheet HTML 2Page - Linear Technology LT3150 Datasheet HTML 3Page - Linear Technology LT3150 Datasheet HTML 4Page - Linear Technology LT3150 Datasheet HTML 5Page - Linear Technology LT3150 Datasheet HTML 6Page - Linear Technology LT3150 Datasheet HTML 7Page - Linear Technology LT3150 Datasheet HTML 8Page - Linear Technology LT3150 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LT3150
3150f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AVOL
Large-Signal Voltage Gain
VGATE = 3V to 10V
q
69
84
dB
VOL
GATE Output Swing Low (Note 4)
IGATE = 0mA
q
2.5
3
V
VOH
GATE Output Swing High
IGATE = 0mA
q
VIN2 – 1.6
VIN2 – 1
V
IPOS + INEG Supply Current
3V
≤ IPOS ≤ 20V
q
0.3
0.625
1
mA
Current Limit Threshold Voltage
42
50
58
mV
q
37
50
63
mV
Current Limit Threshold Voltage
3V
≤ IPOS ≤ 20V
q
– 0.20
– 0.50
%/V
Line Regulation
SHDN2 Sink Current
Current Flows Into Pin
q
2.5
5.0
8.0
µA
SHDN2 Source Current
Current Flows Out of Pin
q
–8
– 15
– 23
µA
SHDN2 Low Clamp Voltage
q
0.1
0.25
V
SHDN2 High Clamp Voltage
q
1.50
1.85
2.20
V
SHDN2 Threshold Voltage
q
1.18
1.21
1.240
V
SHDN2 Threshold Hysteresis
q
50
100
150
mV
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD • 130°C/W)
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN1 = 1.5V, VSHDN1 = VIN1, VIN2 = 12V, GATE = 6V, IPOS = INEG = 5V, VSHDN2 = 0.75V unless otherwise noted.
Note 3: Switch current limit is guaranteed by design and/or correlation to
static test.
Note 4: The VGS(th) of the external MOSFET must be greater than
3V – VOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com