Electronic Components Datasheet Search
  English  ▼

X  

LT3150 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3150
Description  Fast Transient Response, Low Input Voltage, Very Low Dropout Linear Regulator Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3150 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3150 Datasheet HTML 9Page - Linear Technology LT3150 Datasheet HTML 10Page - Linear Technology LT3150 Datasheet HTML 11Page - Linear Technology LT3150 Datasheet HTML 12Page - Linear Technology LT3150 Datasheet HTML 13Page - Linear Technology LT3150 Datasheet HTML 14Page - Linear Technology LT3150 Datasheet HTML 15Page - Linear Technology LT3150 Datasheet HTML 16Page - Linear Technology LT3150 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LT3150
3150f
Table 1. Inductor Vendors
VENDOR
PHONE
URL
PART NUMBER
INDUCTANCE
DCR
ISAT
Murata
(404) 436-1300
www.murata.com
LQH31CN100K03K
10
µH
1.3
Ω
0.23A
LQH32CN100K23K
10
µH
0.44
Ω
0.3A
Panasonic
(800) 344-2112
www.panasonic.com
ELJPC100KF
10
µH
2.2
Ω
0.21A
Sumida
(847) 956-0666
www.sumida.com
CDRH3D16100
10
µH
0.21
Ω
0.55A
Taiyo Yuden
(800) 348-2496
www.t-yuden.com
LQLB2016T100M
10
µH
0.5
Ω
0.155A
LQLB2518T100M
10
µH
0.25
Ω
0.165A
Toko
(847) 297-0070
www.toko.com
LLM3225-100K
10
µH
1.7
Ω
0.22A
APPLICATIO S I FOR ATIO
VIN1 pin. ESR is not critical and in most cases, an inexpen-
sive tantalum or ceramic capacitor with a value from 1
µF
to 4.7
µF is appropriate.
Output Capacitor
The output capacitor choice is far more important. The
capacitor’s characteristics determines output voltage ripple.
The output capacitor must have enough capacitance to
satisfy the load under transient conditions and it must
shunt the switched component of current coming through
the diode. Output voltage ripple results because this
switched current passes through the capacitor’s finite
output impedance. The capacitor must have low imped-
ance at the 1.4MHz switching frequency of the LT3150. At
this frequency, the capacitor’s equivalent series resis-
tance (ESR) usually dominates the impedance. Choosing
a capacitor with lower ESR results in lower output voltage
ripple.
However, consider loop stability when choosing the out-
put capacitor because the LT3150 is internally compen-
sated and no access is provided to this internal
compensation. Small, low cost tantalum capacitors have
some ESR. This ESR enhances stability due to the addition
of a zero in the regulator feedback loop. Ceramic capaci-
tors are very popular, having attractive characteristics
such as near-zero ESR, small size and low cost. Replacing
the tantalum output capacitor with a ceramic unit de-
creases the phase margin, in some cases to unacceptable
levels. The addition of a phase lead capacitor and an
isolating resistor in the feedback divider network can be
used to stabilize the feedback loop, but the added compo-
nent count and cost makes the use of a tantalum output
capacitor the simpler and preferred choice.
The boost regulator output capacitor also serves as the
VIN2 input bypass capacitor. Place this capacitor physi-
cally close to the VIN2 pin. This capacitor supplies the
instantaneous current to slew the external MOSFET’s
gate capacitance quickly during an output load current
transient.
LINEAR REGULATOR COMPONENT SELECTION
Output Capacitors
The LT3150 linear regulator is stable with a wide range of
output capacitors (assuming the feedback loop is prop-
erly frequency compensated). However, using multiple,
low value, very low ESR ceramic capacitors (1
µFto4.7µF)
in parallel optimizes the load transient response of an
LT3150 feedback loop. As is discussed in the Frequency
Compensation section, the output capacitor value is criti-
cal because it sets the location of a pole in the feedback
loop that determines the unity-gain crossover frequency.
Therefore, the characteristics of ceramic capacitors war-
rant some discussion.
Manufacturers make ceramic capacitors with a variety of
dielectrics, each with different behavior across tempera-
ture and applied voltage. The most common dielectrics
are Z5U, Y5V, X5R and X7R. The Z5U and Y5V dielectrics
provide high C-V products in a small package at low cost,
but exhibit very strong voltage and temperature coeffi-
cients. The X5R and X7R dielectrics yield highly stable
characteristics and are more suitable for use as the output
capacitor at fractionally increased cost. The X5R and X7R
dielectrics both exhibit excellent voltage coefficient charac-
teristics. The X7R type works over a larger temperature
range and exhibits better temperature stability whereas
X5R is less expensive and is available in higher values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com